Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC24F16KA102 Datasheet(PDF) 153 Page - Microchip Technology

Part # PIC24F16KA102
Description  20/28-Pin General Purpose, 16-Bit Flash Microcontrollers with nanoWatt XLP??Technology
PDF  254 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24F16KA102 Datasheet(HTML) 153 Page - Microchip Technology

Back Button PIC24F16KA102 Datasheet HTML 149Page - Microchip Technology PIC24F16KA102 Datasheet HTML 150Page - Microchip Technology PIC24F16KA102 Datasheet HTML 151Page - Microchip Technology PIC24F16KA102 Datasheet HTML 152Page - Microchip Technology PIC24F16KA102 Datasheet HTML 153Page - Microchip Technology PIC24F16KA102 Datasheet HTML 154Page - Microchip Technology PIC24F16KA102 Datasheet HTML 155Page - Microchip Technology PIC24F16KA102 Datasheet HTML 156Page - Microchip Technology PIC24F16KA102 Datasheet HTML 157Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 153 / 254 page
background image
© 2009 Microchip Technology Inc.
Preliminary
DS39927B-page 151
PIC24F16KA102 FAMILY
19.0
REAL-TIME CLOCK AND
CALENDAR (RTCC)
The RTCC provides the user with a Real-Time Clock
and Calendar (RTCC) function that can be calibrated.
Key features of the RTCC module are:
• Operates in Deep Sleep mode
• Selectable clock source
• Provides hours, minutes and seconds using
24-hour format
• Visibility of one half second period
• Provides calendar – weekday, date, month and
year
• Alarm-configurable for half a second, one second,
10 seconds, one minute, 10 minutes, one hour,
one day, one week, one month or one year
• Alarm repeat with decrementing counter
• Alarm with indefinite repeat chime
• Year 2000 to 2099 leap year correction
• BCD format for smaller software overhead
• Optimized for long-term battery operation
• User calibration of the 32.768 kHz clock
crystal/32K INTRC frequency with periodic
auto-adjust
19.1
RTCC Source Clock
The user can select between the SOSC crystal
oscillator or the LPRC internal oscillator as the clock
reference for the RTCC module. This is configured
using the RTCCKSEL (FDS<5>) Configuration bit. This
gives the user an option to trade off system cost,
accuracy and power consumption, based on the overall
system needs.
FIGURE 19-1:
RTCC BLOCK DIAGRAM
Note:
This data sheet summarizes the features of
this group of PIC24F devices. It is not
intended to be a comprehensive reference
source. For more information on the
Real-Time Clock and Calendar, refer to the
“PIC24F
Family
Reference
Manual”
,
Section 29. “Real-Time Clock and
Calendar (RTCC)”
(DS39696).
RTCC Clock Domain
CPU Clock Domain
RTCC
RTCC Prescalers
RTCC Timer
Comparator
Alarm Registers with Masks
Repeat Counter
0.5 Sec
RTCC Interrupt Logic
ALRMVAL
RTCVAL
ALCFGRPT
RCFGCAL
Alarm
Event
YEAR
MTHDY
WKDYHR
MINSEC
ALMTHDY
ALWDHR
ALMINSEC
RTCC
Interrupt
RTSECSEL<1:0>
RTCOE
10
00
01
Clock Source
1s
Pin
Alarm Pulse
Input from
SOSC/LPRC
Oscillator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com