Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC24F16KA102 Datasheet(PDF) 167 Page - Microchip Technology

Part # PIC24F16KA102
Description  20/28-Pin General Purpose, 16-Bit Flash Microcontrollers with nanoWatt XLP??Technology
PDF  254 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24F16KA102 Datasheet(HTML) 167 Page - Microchip Technology

Back Button PIC24F16KA102 Datasheet HTML 163Page - Microchip Technology PIC24F16KA102 Datasheet HTML 164Page - Microchip Technology PIC24F16KA102 Datasheet HTML 165Page - Microchip Technology PIC24F16KA102 Datasheet HTML 166Page - Microchip Technology PIC24F16KA102 Datasheet HTML 167Page - Microchip Technology PIC24F16KA102 Datasheet HTML 168Page - Microchip Technology PIC24F16KA102 Datasheet HTML 169Page - Microchip Technology PIC24F16KA102 Datasheet HTML 170Page - Microchip Technology PIC24F16KA102 Datasheet HTML 171Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 167 / 254 page
background image
© 2009 Microchip Technology Inc.
Preliminary
DS39927B-page 165
PIC24F16KA102 FAMILY
20.3
Registers
There are four registers used to control programmable
CRC operation:
• CRCCON
• CRCXOR
• CRCDAT
• CRCWDAT
REGISTER 20-1:
CRCCON: CRC CONTROL REGISTER
U-0
U-0
R/W-0
R-0, HSC
R-0, HSC
R-0, HSC
R-0, HSC
R-0, HSC
—
—
CSIDL
VWORD4
VWORD3
VWORD2
VWORD1
VWORD0
bit 15
bit 8
R-0, HSC
R-1, HSC
U-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
CRCFUL
CRCMPT
—
CRCGO
PLEN3
PLEN2
PLEN1
PLEN0
bit 7
bit 0
Legend:
HSC = Hardware Settable/Clearable bit
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 15-14
Unimplemented:
Read as ‘0’
bit 13
CSIDL:
CRC Stop in Idle Mode bit
1
= Discontinue module operation when device enters Idle mode
0
= Continue module operation in Idle mode
bit 12-8
VWORD<4:0>:
Pointer Value bits
Indicates the number of valid words in the FIFO. Has a maximum value of 8 when PLEN<3:0> > 7, or
16 when PLEN<3:0>
≤ 7.
bit 7
CRCFUL
: FIFO Full bit
1
= FIFO is full
0
= FIFO is not full
bit 6
CRCMPT:
FIFO Empty Bit
1
= FIFO is empty
0
= FIFO is not empty
bit 5
Unimplemented:
Read as ‘0’
bit 4
CRCGO:
Start CRC bit
1
= Start CRC serial shifter
0
= CRC serial shifter turned off
bit 3-0
PLEN<3:0>:
Polynomial Length bits
Denotes the length of the polynomial to be generated minus 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com