Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC24F16KA102 Datasheet(PDF) 186 Page - Microchip Technology

Part # PIC24F16KA102
Description  20/28-Pin General Purpose, 16-Bit Flash Microcontrollers with nanoWatt XLP??Technology
PDF  254 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24F16KA102 Datasheet(HTML) 186 Page - Microchip Technology

Back Button PIC24F16KA102 Datasheet HTML 182Page - Microchip Technology PIC24F16KA102 Datasheet HTML 183Page - Microchip Technology PIC24F16KA102 Datasheet HTML 184Page - Microchip Technology PIC24F16KA102 Datasheet HTML 185Page - Microchip Technology PIC24F16KA102 Datasheet HTML 186Page - Microchip Technology PIC24F16KA102 Datasheet HTML 187Page - Microchip Technology PIC24F16KA102 Datasheet HTML 188Page - Microchip Technology PIC24F16KA102 Datasheet HTML 189Page - Microchip Technology PIC24F16KA102 Datasheet HTML 190Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 186 / 254 page
background image
PIC24F16KA102 FAMILY
DS39927B-page 184
Preliminary
© 2009 Microchip Technology Inc.
REGISTER 24-1:
CVRCON: COMPARATOR VOLTAGE REFERENCE CONTROL REGISTER
U-0
U-0
U-0
U-0
U-0
U-0
U-0
U-0
—
—
—
—
—
—
—
—
bit 15
bit 8
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
CVREN
CVROE
CVRR
CVRSS
CVR3
CVR2
CVR1
CVR0
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 15-8
Unimplemented:
Read as ‘0’
bit 7
CVREN:
Comparator Voltage Reference Enable bit
1
=CVREF circuit powered on
0
=CVREF circuit powered down
bit 6
CVROE:
Comparator VREF Output Enable bit
1
=CVREF voltage level is output on CVREF pin
0
=CVREF voltage level is disconnected from CVREF pin
bit 5
CVRR:
Comparator VREF Range Selection bit
1
=CVRSRC range should be 0 to 0.625 CVRSRC with CVRSRC/24 step size
0
=CVRSRC range should be 0.25 to 0.719 CVRSRC with CVRSRC/32 step size
bit 4
CVRSS:
Comparator VREF Source Selection bit
1
= Comparator reference source CVRSRC = VREF+ – VREF-
0
= Comparator reference source CVRSRC = AVDD – AVSS
bit 3-0
CVR3:CVR0:
Comparator VREF Value Selection 0
≤ CVR<3:0> ≤ 15 bits
When CVRR = 1 and CVRSS = 0:
CVREF = (CVR<3:0>/24) * (CVRSRC)
When CVRR = 0 and CVRSS = 0:
CVREF = 1/4 (CVRSRC) + (CVR<3:0>/32) * (CVRSRC)
When CVRR = 1 and CVRSS = 1:
CVREF = ((CVR<3:0>/24) * (CVRSRC)) + VREF-
When CVRR = 0 and CVRSS = 1:
CVREF = (1/4 (CVRSRC) + (CVR<3:0>/32) * (CVRSRC)) + VREF-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com