Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM351-RTR Datasheet(PDF) 106 Page - List of Unclassifed Manufacturers

Part # EM351-RTR
Description  High-Performance, Integrated ZigBee/802.15.4 System-on-Chip
PDF  240 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

EM351-RTR Datasheet(HTML) 106 Page - List of Unclassifed Manufacturers

Back Button EM351-RTR Datasheet HTML 102Page - List of Unclassifed Manufacturers EM351-RTR Datasheet HTML 103Page - List of Unclassifed Manufacturers EM351-RTR Datasheet HTML 104Page - List of Unclassifed Manufacturers EM351-RTR Datasheet HTML 105Page - List of Unclassifed Manufacturers EM351-RTR Datasheet HTML 106Page - List of Unclassifed Manufacturers EM351-RTR Datasheet HTML 107Page - List of Unclassifed Manufacturers EM351-RTR Datasheet HTML 108Page - List of Unclassifed Manufacturers EM351-RTR Datasheet HTML 109Page - List of Unclassifed Manufacturers EM351-RTR Datasheet HTML 110Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 240 page
background image
EM351 / EM357
SCx_DMASTAT
SC1_DMASTAT
Serial DMA Status Register
Address: 0x4000C82C Reset: 0x0
SC2_DMASTAT
Serial DMA Status Register
Address: 0x4000C02C Reset: 0x0
31
30
29
28
27
26
25
24
0
0
0
0
0
0
0
0
23
22
21
20
19
18
17
16
0
0
0
0
0
0
0
0
15
14
13
12
11
10
9
8
0
0
0
SC_RXSSEL
SC_RXFRMB
SC_RXFRMA
7
6
5
4
3
2
1
0
SC_RXPARB
SC_RXPARA
SC_RXOVFB
SC_RXOVFA
SC_TXACTB
SC_TXACTA
SC_RXACTB
SC_RXACTA
Bitname
Bitfield
Access
Description
SC_RXSSEL
[12:10]
R
Status of the receive count saved in SCx_RXCNTSAVED (SPI slave mode) when nSSEL
deasserts. Cleared when a receive buffer is loaded and when the receive DMA is reset.
0: No count was saved because nSSEL did not deassert.
2: Buffer A's count was saved, nSSEL deasserted once.
3: Buffer B's count was saved, nSSEL deasserted once.
6: Buffer A's count was saved, nSSEL deasserted more than once.
7: Buffer B's count was saved, nSSEL deasserted more than once.
1, 4, 5: Reserved.
SC_RXFRMB
[9]
R
This bit is set when DMA receive buffer B reads a byte with a frame error from the receive
FIFO. It is cleared the next time buffer B is loaded or when the receive DMA is reset. (SC1
in UART mode only)
SC_RXFRMA
[8]
R
This bit is set when DMA receive buffer A reads a byte with a frame error from the receive
FIFO. It is cleared the next time buffer A is loaded or when the receive DMA is reset. (SC1
in UART mode only)
SC_RXPARB
[7]
R
This bit is set when DMA receive buffer B reads a byte with a parity error from the receive
FIFO. It is cleared the next time buffer B is loaded or when the receive DMA is reset. (SC1
in UART mode only)
SC_RXPARA
[6]
R
This bit is set when DMA receive buffer A reads a byte with a parity error from the receive
FIFO. It is cleared the next time buffer A is loaded or when the receive DMA is reset. (SC1
in UART mode only)
SC_RXOVFB
[5]
R
This bit is set when DMA receive buffer B was passed an overrun error from the receive
FIFO. Neither receive buffer was capable of accepting any more bytes (unloaded), and
the FIFO filled up. Buffer B was the next buffer to load, and when it drained the FIFO the
overrun error was passed up to the DMA and flagged with this bit. Cleared the next time
buffer B is loaded and when the receive DMA is reset.
SC_RXOVFA
[4]
R
This bit is set when DMA receive buffer A was passed an overrun error from the receive
FIFO. Neither receive buffer was capable of accepting any more bytes (unloaded), and
the FIFO filled up. Buffer A was the next buffer to load, and when it drained the FIFO the
overrun error was passed up to the DMA and flagged with this bit. Cleared the next time
buffer A is loaded and when the receive DMA is reset.
SC_TXACTB
[3]
R
This bit is set when DMA transmit buffer B is active.
SC_TXACTA
[2]
R
This bit is set when DMA transmit buffer A is active.
SC_RXACTB
[1]
R
This bit is set when DMA receive buffer B is active.
SC_RXACTA
[0]
R
This bit is set when DMA receive buffer A is active.
8-35
120-035X-000D
Preliminary



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com