Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F1934-E/ML Datasheet(PDF) 109 Page - Microchip Technology

Part # PIC16F1934-E/ML
Description  28/40/44-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt Technology
PDF  418 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F1934-E/ML Datasheet(HTML) 109 Page - Microchip Technology

Back Button PIC16F1934-E/ML Datasheet HTML 105Page - Microchip Technology PIC16F1934-E/ML Datasheet HTML 106Page - Microchip Technology PIC16F1934-E/ML Datasheet HTML 107Page - Microchip Technology PIC16F1934-E/ML Datasheet HTML 108Page - Microchip Technology PIC16F1934-E/ML Datasheet HTML 109Page - Microchip Technology PIC16F1934-E/ML Datasheet HTML 110Page - Microchip Technology PIC16F1934-E/ML Datasheet HTML 111Page - Microchip Technology PIC16F1934-E/ML Datasheet HTML 112Page - Microchip Technology PIC16F1934-E/ML Datasheet HTML 113Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 109 / 418 page
background image
© 2008 Microchip Technology Inc.
Preliminary
DS41364A-page 107
PIC16F193X/LF193X
8.0
OSCILLATOR MODULE (WITH
FAIL-SAFE CLOCK MONITOR)
8.1
Overview
The oscillator module has a wide variety of clock
sources and selection features that allow it to be used
in a wide range of applications while maximizing perfor-
mance and minimizing power consumption. Figure 8-1
illustrates a block diagram of the oscillator module.
Clock sources can be configured from external
oscillators, quartz crystal resonators, ceramic resonators
and Resistor-Capacitor (RC) circuits. In addition, the
system clock source can be configured from one of three
internal oscillators, with a choice of speeds selectable via
software. Additional clock features include:
• Selectable system clock source between external
or internal via software.
• Two-Speed Start-up mode, which minimizes
latency between external oscillator start-up and
code execution.
• Fail-Safe Clock Monitor (FSCM) designed to
detect a failure of the external clock source (LP,
XT, HS, EC or RC modes) and switch
automatically to the internal oscillator.
The oscillator module can be configured in one of six
clock modes.
1.
EC – External clock.
2.
LP – 32 kHz Low-Power Crystal mode.
3.
XT – Medium Gain Crystal or Ceramic Resonator
Oscillator mode.
4.
HS – High Gain Crystal or Ceramic Resonator
mode.
5.
RC – External Resistor-Capacitor (RC).
6.
INTOSC – Internal oscillator.
Clock Source modes are configured by the FOSC<2:0>
bits in the Configuration Word Register 1 (CONFIG1).
The internal clock can be generated from two internal
oscillators.
The
HFINTOSC
is
a
calibrated
high-frequency
oscillator.
The
MFINTOSC
is
a
calibrated
medium-frequency
oscillator.
The
LFINTOSC is an uncalibrated low-frequency oscillator.
FIGURE 8-1:
SIMPLIFIED PIC® MCU CLOCK SOURCE BLOCK DIAGRAM
4 x PLL
FOSC<2:0>
Oscillator
T1OSCEN
Enable
Oscillator
T1OSO
T1OSI
Clock Source Option
for other modules
OSC1
OSC2
Sleep
LP, XT, HS, RC, EC
T1OSC
CPU and
16 MHz
8 MHz
4 MHz
2 MHz
1 MHz
250 kHz
500 kHz
IRCF<3:0>
31 kHz
31 kHz
Source
Internal
Oscillator
Block
WDT, PWRT, Fail-Safe Clock Monitor
16 MHz
Internal Oscillator
(HFINTOSC)
Clock
Control
SCS<1:0>
Source
16 MHz
31 kHz (LFINTOSC)
Two-Speed Start-up and other modules
Oscillator
500 kHz
Source
500 kHz
(MFINTOSC)
125 kHz
31.25 kHz
62.5 kHz
FOSC<2:0> = 100
Peripherals
Sleep
External
Timer1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com