Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F1934-E/ML Datasheet(PDF) 124 Page - Microchip Technology

Part # PIC16F1934-E/ML
Description  28/40/44-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt Technology
PDF  418 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F1934-E/ML Datasheet(HTML) 124 Page - Microchip Technology

Back Button PIC16F1934-E/ML Datasheet HTML 120Page - Microchip Technology PIC16F1934-E/ML Datasheet HTML 121Page - Microchip Technology PIC16F1934-E/ML Datasheet HTML 122Page - Microchip Technology PIC16F1934-E/ML Datasheet HTML 123Page - Microchip Technology PIC16F1934-E/ML Datasheet HTML 124Page - Microchip Technology PIC16F1934-E/ML Datasheet HTML 125Page - Microchip Technology PIC16F1934-E/ML Datasheet HTML 126Page - Microchip Technology PIC16F1934-E/ML Datasheet HTML 127Page - Microchip Technology PIC16F1934-E/ML Datasheet HTML 128Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 124 / 418 page
background image
PIC16F193X/LF193X
DS41364A-page 122
Preliminary
© 2008 Microchip Technology Inc.
TABLE 9-1:
SRCLK FREQUENCY TABLE
SRCLK
Divider
FOSC = 32 MHz
FOSC = 20 MHz
FOSC = 16 MHz
FOSC = 4 MHz
FOSC = 1 MHz
111
512
62.5 kHz
39.0 kHz
31.3 kHz
7.81 kHz
1.95 kHz
110
256
125 kHz
78.1 kHz
62.5 kHz
15.6 kHz
3.90 kHz
101
128
250 kHz
156 kHz
125 kHz
31.25 kHz
7.81 kHz
100
64
500 kHz
313 kHz
250 kHz
62.5 kHz
15.6 kHz
011
32
1 MHz
625 kHz
500 kHz
125 kHz
31.3 kHz
010
16
2 MHz
1.25 MHz
1 MHz
250 kHz
62.5 kHz
001
8
4 MHz
2.5 MHz
2 MHz
500 kHz
125 kHz
000
4
8 MHz
5 MHz
4 MHz
1 MHz
250 kHz
REGISTER 9-1:
SRCON0: SR LATCH CONTROL 0 REGISTER
R/W-0/0
R/W-0/0
R/W-0/0
R/W-0/0
R/W-0/0
R/W-0/0
R/S-0/0
R/S-0/0
SRLEN
SRCLK2
SRCLK1
SRCLK0
SRQEN
SRNQEN
SRPS
SRPR
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
u = bit is unchanged
x = Bit is unknown
-n/n = Value at POR and BOR/Value at all other Resets
‘1’ = Bit is set
‘0’ = Bit is cleared
S = Bit is set only -
bit 7
SRLEN: SR Latch Enable bit
1
= SR latch is enabled
0
= SR latch is disabled
bit 6-4
SRCLK<2:0>: SR Latch Clock Divider bits
000
= Generates a 1 FOSC wide pulse every 4th FOSC cycle clock
001
= Generates a 1 FOSC wide pulse every 8th FOSC cycle clock
010
= Generates a 1 FOSC wide pulse every 16th FOSC cycle clock
011
= Generates a 1 FOSC wide pulse every 32th FOSC cycle clock
100
= Generates a 1 FOSC wide pulse every 64th FOSC cycle clock
101
= Generates a 1 FOSC wide pulse every 128th FOSC cycle clock
110
= Generates a 1 FOSC wide pulse every 256th FOSC cycle clock
111
= Generates a 1 FOSC wide pulse every 512th FOSC cycle clock
bit 3
SRQEN: SR Latch Q Output Enable bit
If SRLEN = 1:
1
= Q is present on the SRQ pin
0
= Q is internal only
If SRLEN = 0:
SR latch is disabled
bit 2
SRNQEN: SR Latch Q Output Enable bit
If SRLEN = 1:
1
=Q is present on the SRnQ pin
0
=Q is internal only
If SRLEN = 0:
SR latch is disabled
bit 1
SRPS: Pulse Set Input of the SR Latch bit
1
= Pulse input for 1 Q-clock period
0
= Do not generate pulse. Always reads back ‘0’.
bit 0
SRPR: Pulse Reset Input of the SR Latch bit
1
= Pulse input for 1 Q-clock period
0
= Do not generate pulse. Always reads back ‘0’.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com