Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F1934-E/ML Datasheet(PDF) 139 Page - Microchip Technology

Part # PIC16F1934-E/ML
Description  28/40/44-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt Technology
PDF  418 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F1934-E/ML Datasheet(HTML) 139 Page - Microchip Technology

Back Button PIC16F1934-E/ML Datasheet HTML 135Page - Microchip Technology PIC16F1934-E/ML Datasheet HTML 136Page - Microchip Technology PIC16F1934-E/ML Datasheet HTML 137Page - Microchip Technology PIC16F1934-E/ML Datasheet HTML 138Page - Microchip Technology PIC16F1934-E/ML Datasheet HTML 139Page - Microchip Technology PIC16F1934-E/ML Datasheet HTML 140Page - Microchip Technology PIC16F1934-E/ML Datasheet HTML 141Page - Microchip Technology PIC16F1934-E/ML Datasheet HTML 142Page - Microchip Technology PIC16F1934-E/ML Datasheet HTML 143Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 139 / 418 page
background image
© 2008 Microchip Technology Inc.
Preliminary
DS41364A-page 137
PIC16F193X/LF193X
11.2.7
ADC REGISTER DEFINITIONS
The following registers are used to control the
operation of the ADC.
REGISTER 11-1:
ADCON0: A/D CONTROL REGISTER 0
U-0
R/W-0/0
R/W-0/0
R/W-0/0
R/W-0/0
R/W-0/0
R/W-0/0
R/W-0/0
—
CHS4
CHS3
CHS2
CHS1
CHS0
GO/DONE
ADON
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
u = bit is unchanged
x = Bit is unknown
-n/n = Value at POR and BOR/Value at all other Resets
‘1’ = Bit is set
‘0’ = Bit is cleared
bit 7
Unimplemented: Read as ‘0’
bit 6-2
CHS<4:0>: Analog Channel Select bits
00000
=AN0
00001
=AN1
00010
=AN2
00011
=AN3
00100
=AN4
00101
=AN5
00110
=AN6
00111
=AN7
01000
=AN8
01001
=AN9
01010
=AN10
01011
=AN11
01100
=AN12
01101
=AN13
01110
= Reserved. No channel connected.
.
.
.
11100
= Reserved. No channel connected.
11101
= Temperature Reference from band gap
11110
= DAC output (aka CVREF output)
11111
= Fixed Voltage Reference (FVR) Buffer 1 Output
bit 1
GO/DONE: A/D Conversion Status bit
1
= A/D conversion cycle in progress. Setting this bit starts an A/D conversion cycle.
This bit is automatically cleared by hardware when the A/D conversion has completed.
0
= A/D conversion completed/not in progress
bit 0
ADON: ADC Enable bit
1
= ADC is enabled
0
= ADC is disabled and consumes no operating current
Note 1:
See Section 10.0 “Fixed Voltage Reference” for more information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com