Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F1934-E/ML Datasheet(PDF) 151 Page - Microchip Technology

Part # PIC16F1934-E/ML
Description  28/40/44-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt Technology
PDF  418 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F1934-E/ML Datasheet(HTML) 151 Page - Microchip Technology

Back Button PIC16F1934-E/ML Datasheet HTML 147Page - Microchip Technology PIC16F1934-E/ML Datasheet HTML 148Page - Microchip Technology PIC16F1934-E/ML Datasheet HTML 149Page - Microchip Technology PIC16F1934-E/ML Datasheet HTML 150Page - Microchip Technology PIC16F1934-E/ML Datasheet HTML 151Page - Microchip Technology PIC16F1934-E/ML Datasheet HTML 152Page - Microchip Technology PIC16F1934-E/ML Datasheet HTML 153Page - Microchip Technology PIC16F1934-E/ML Datasheet HTML 154Page - Microchip Technology PIC16F1934-E/ML Datasheet HTML 155Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 151 / 418 page
background image
© 2008 Microchip Technology Inc.
Preliminary
DS41364A-page 149
PIC16F193X/LF193X
REGISTER 12-2:
CMxCON1: COMPARATOR CX CONTROL REGISTER 1
R/W-0/0
R/W-0/0
R/W-0/0
R/W-0/0
U-0
U-0
R/W-0/0
R/W-0/0
CxINTP
CxINTN
CxPCH1
CxPCH0
—
—
CxNCH1
CxNCH0
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
u = bit is unchanged
x = Bit is unknown
-n/n = Value at POR and BOR/Value at all other Resets
‘1’ = Bit is set
‘0’ = Bit is cleared
bit 7
CxINTP: Comparator Interrupt on Positive Going Edge Enable bits
1
= The CxIF interrupt flag will be set upon a positive going edge of the CxOUT bit
0
= No interrupt flag will be set on a positive going edge of the CxOUT bit
bit 6
CxINTN: Comparator Interrupt on Negative Going Edge Enable bits
1
= The CxIF interrupt flag will be set upon a negative going edge of the CxOUT bit
0
= No interrupt flag will be set on a negative going edge of the CxOUT bit
bit 5-4
CxPCH<1:0>: Comparator Positive Input Channel Select bits
00
= CxVP connects to CxIN+ pin
01
= CxVP connects to CVDAC
10
= CxVP connects to FVR Voltage Reference
11
= CxVP connects to AVSS
bit 3-2
Unimplemented: Read as ‘0’
bit 1-0
CxNCH<1:0>: Comparator Negative Input Channel Select bits
00
= CxVN connects to CxIN0- pin
01
= CxVN connects to CxIN1- pin
10
= CxVN connects to CxIN2- pin
11
= CxVN connects to CxIN3- pin
Note 1:
Comparator output requires the following three conditions: C2OE = 1, C2ON = 1 and corresponding port
TRIS bit = 0.
REGISTER 12-3:
CMOUT: COMPARATOR OUTPUT REGISTER
U-0
U-0
U-0
U-0
U-0
U-0
R/W-0/0
R/W-0/0
—
—
—
—
—
—
MC2OUT
MC1OUT
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
u = bit is unchanged
x = Bit is unknown
-n/n = Value at POR and BOR/Value at all other Resets
‘1’ = Bit is set
‘0’ = Bit is cleared
bit 7-2
Unimplemented: Read as ‘0’
bit 1
MC2OUT: Mirror Copy of C2OUT bit
bit 0
MC1OUT: Mirror Copy of C1OUT bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com