Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F685-I/ML Datasheet(PDF) 213 Page - Microchip Technology

Part # PIC16F685-I/ML
Description  20-Pin Flash-Based, 8-Bit CMOS Microcontrollers with nanoWatt Technology
PDF  306 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F685-I/ML Datasheet(HTML) 213 Page - Microchip Technology

Back Button PIC16F685-I/ML Datasheet HTML 209Page - Microchip Technology PIC16F685-I/ML Datasheet HTML 210Page - Microchip Technology PIC16F685-I/ML Datasheet HTML 211Page - Microchip Technology PIC16F685-I/ML Datasheet HTML 212Page - Microchip Technology PIC16F685-I/ML Datasheet HTML 213Page - Microchip Technology PIC16F685-I/ML Datasheet HTML 214Page - Microchip Technology PIC16F685-I/ML Datasheet HTML 215Page - Microchip Technology PIC16F685-I/ML Datasheet HTML 216Page - Microchip Technology PIC16F685-I/ML Datasheet HTML 217Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 213 / 306 page
background image
© 2008 Microchip Technology Inc.
DS41262E-page 211
PIC16F631/677/685/687/689/690
14.4
Context Saving During Interrupts
During an interrupt, only the return PC value is saved
on the stack. Typically, users may wish to save key
registers during an interrupt (e.g., W and STATUS
registers). This must be implemented in software.
Since the upper 16 bytes of all GPR banks are common
in
the
PIC16F631/677/685/687/689/690
(see
Figures 2-2 and 2-3), temporary holding registers,
W_TEMP and STATUS_TEMP, should be placed in
here. These 16 locations do not require banking and
therefore, make it easier to context save and restore.
The same code shown in Example 14-1 can be used
to:
• Store the W register
• Store the STATUS register
• Execute the ISR code
• Restore the Status (and Bank Select Bit register)
• Restore the W register
EXAMPLE 14-1:
SAVING STATUS AND W REGISTERS IN RAM
Note:
The
PIC16F631/677/685/687/689/690
normally does not require saving the
PCLATH. However, if computed GOTO’s
are used in the ISR and the main code, the
PCLATH must be saved and restored in
the ISR.
MOVWF
W_TEMP
;
Copy W to TEMP register
SWAPF
STATUS,W
;
Swap status to be saved into W
CLRF
STATUS
;
bank 0, regardless of current bank, Clears IRP,RP1,RP0
MOVWF
STATUS_TEMP
;
Save status to bank zero STATUS_TEMP register
:
:(ISR)
;Insert user code here
:
SWAPF
STATUS_TEMP,W
;
Swap STATUS_TEMP register into W
;(sets bank to original state)
MOVWF
STATUS
;
Move W into
STATUS register
SWAPF
W_TEMP,F
;
Swap W_TEMP
SWAPF
W_TEMP,W
;
Swap W_TEMP into W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com