Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F685-I/ML Datasheet(PDF) 273 Page - Microchip Technology

Part # PIC16F685-I/ML
Description  20-Pin Flash-Based, 8-Bit CMOS Microcontrollers with nanoWatt Technology
PDF  306 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F685-I/ML Datasheet(HTML) 273 Page - Microchip Technology

Back Button PIC16F685-I/ML Datasheet HTML 269Page - Microchip Technology PIC16F685-I/ML Datasheet HTML 270Page - Microchip Technology PIC16F685-I/ML Datasheet HTML 271Page - Microchip Technology PIC16F685-I/ML Datasheet HTML 272Page - Microchip Technology PIC16F685-I/ML Datasheet HTML 273Page - Microchip Technology PIC16F685-I/ML Datasheet HTML 274Page - Microchip Technology PIC16F685-I/ML Datasheet HTML 275Page - Microchip Technology PIC16F685-I/ML Datasheet HTML 276Page - Microchip Technology PIC16F685-I/ML Datasheet HTML 277Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 273 / 306 page
background image
© 2008 Microchip Technology Inc.
DS41262E-page 271
PIC16F631/677/685/687/689/690
FIGURE 18-24:
MAXIMUM VP6 REFERENCE IPD vs. VDD OVER TEMPERATURE
FIGURE 18-25:
T1OSC IPD vs. VDD OVER TEMPERATURE (32 kHz)
Max VP6 Reference IPD vs. VDD Over Temperature
0
20
40
60
80
100
120
140
160
180
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
VDD (V)
Max 125
°C
Max 85
°C
Typ 25×C
Max 85×C
Max 125×C
2
2.022
4.98
17.54
2.5
2.247
5.23
19.02
3
2.472
5.49
20.29
3.5
2.453
5.79
21.50
4
2.433
6.08
22.45
4.5
2.711
6.54
23.30
5
2.989
7.00
24.00
5.5
3.112
7.34
Typ. 25°C
Max. 85°C
Max. 125°C
0
5
10
15
20
25
30
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
VDD (V)
Typical: Statistical Mean @25°C
Maximum: Mean (Worst-case Temp) + 3
σ
(-40°C to 125°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com