Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F685-I/ML Datasheet(PDF) 283 Page - Microchip Technology

Part # PIC16F685-I/ML
Description  20-Pin Flash-Based, 8-Bit CMOS Microcontrollers with nanoWatt Technology
PDF  306 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F685-I/ML Datasheet(HTML) 283 Page - Microchip Technology

Back Button PIC16F685-I/ML Datasheet HTML 279Page - Microchip Technology PIC16F685-I/ML Datasheet HTML 280Page - Microchip Technology PIC16F685-I/ML Datasheet HTML 281Page - Microchip Technology PIC16F685-I/ML Datasheet HTML 282Page - Microchip Technology PIC16F685-I/ML Datasheet HTML 283Page - Microchip Technology PIC16F685-I/ML Datasheet HTML 284Page - Microchip Technology PIC16F685-I/ML Datasheet HTML 285Page - Microchip Technology PIC16F685-I/ML Datasheet HTML 286Page - Microchip Technology PIC16F685-I/ML Datasheet HTML 287Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 283 / 306 page
background image
© 2008 Microchip Technology Inc.
DS41262E-page 281
PIC16F631/677/685/687/689/690
FIGURE 18-44:
TYPICAL VP6 REFERENCE VOLTAGE OVER TEMPERATURE (3V)
FIGURE 18-45:
TYPICAL VP6 REFERENCE VOLTAGE OVER TEMPERATURE (5V)
Typical VP6 Reference Voltage vs. Temperature (VDD=3V)
0.52
0.54
0.56
0.58
0.6
0.62
0.64
0.66
-40°C
25°C
85°C
125°C
Temperature (°C)
Min.
Max.
Typical
Typical VP6 Reference Voltage vs. Temperature (VDD=5V)
0.52
0.54
0.56
0.58
0.6
0.62
0.64
0.66
-40 °C
25 °C
85 °C
125 °C
Temperature (°C)
Max.
Typical
Min.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com