Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F685-I/ML Datasheet(PDF) 302 Page - Microchip Technology

Part # PIC16F685-I/ML
Description  20-Pin Flash-Based, 8-Bit CMOS Microcontrollers with nanoWatt Technology
PDF  306 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F685-I/ML Datasheet(HTML) 302 Page - Microchip Technology

Back Button PIC16F685-I/ML Datasheet HTML 298Page - Microchip Technology PIC16F685-I/ML Datasheet HTML 299Page - Microchip Technology PIC16F685-I/ML Datasheet HTML 300Page - Microchip Technology PIC16F685-I/ML Datasheet HTML 301Page - Microchip Technology PIC16F685-I/ML Datasheet HTML 302Page - Microchip Technology PIC16F685-I/ML Datasheet HTML 303Page - Microchip Technology PIC16F685-I/ML Datasheet HTML 304Page - Microchip Technology PIC16F685-I/ML Datasheet HTML 305Page - Microchip Technology PIC16F685-I/ML Datasheet HTML 306Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 302 / 306 page
background image
PIC16F631/677/685/687/689/690
DS41262E-page 300
© 2008 Microchip Technology Inc.
T2CON................................................................ 92
Timing Diagrams
A/D Conversion......................................................... 256
A/D Conversion (Sleep Mode) .................................. 257
Asynchronous Reception .......................................... 158
Asynchronous Transmission..................................... 154
Asynchronous Transmission (Back to Back) ............ 154
Auto Wake-up Bit (WUE) During Normal Operation . 168
Auto Wake-up Bit (WUE) During Sleep .................... 169
Automatic Baud Rate Calibration .............................. 167
Brown-out Reset (BOR) ............................................ 244
Brown-out Reset Situations ...................................... 202
CLKOUT and I/O....................................................... 243
Clock Synchronization .............................................. 196
Clock Timing ............................................................. 241
Comparator Output ..................................................... 93
Enhanced Capture/Compare/PWM (ECCP) ............. 247
EUSART Synchronous Receive (Master/Slave) ....... 249
EUSART Synchronous Transmission
(Master/Slave)................................................... 249
Fail-Safe Clock Monitor (FSCM) ................................. 58
Full-Bridge PWM Output ........................................... 138
Half-Bridge PWM Output .................................. 136, 144
I2C Bus Data ............................................................. 253
I2C Bus Start/Stop Bits.............................................. 252
I2C Reception (7-bit Address) ................................... 190
I2C Slave Mode (Transmission, 10-bit Address) ....... 194
I2C Slave Mode with SEN = 0 (Reception, 10-bit Ad-
dress) ................................................................ 192
I2C Transmission (7-bit Address) .............................. 193
INT Pin Interrupt........................................................ 210
Internal Oscillator Switch Timing................................. 54
PWM Auto-shutdown
Auto-restart Enabled ......................................... 143
Firmware Restart .............................................. 143
PWM Direction Change ............................................ 139
PWM Direction Change at Near 100% Duty Cycle ... 140
PWM Output (Active-High)........................................ 134
PWM Output (Active-Low) ........................................ 135
Reset, WDT, OST and Power-up Timer ................... 244
Send Break Character Sequence ............................. 170
Slave Synchronization .............................................. 185
SPI Master Mode (CKE = 1, SMP = 1) ..................... 250
SPI Mode (Master Mode).......................................... 184
SPI Mode (Slave Mode with CKE = 0) ...................... 186
SPI Mode (Slave Mode with CKE = 1) ...................... 186
SPI Slave Mode (CKE = 0) ....................................... 251
SPI Slave Mode (CKE = 1) ....................................... 251
Synchronous Reception (Master Mode, SREN) ....... 174
Synchronous Transmission....................................... 172
Synchronous Transmission (Through TXEN) ........... 172
Time-out Sequence
Case 1............................................................... 204
Case 2............................................................... 204
Case 3............................................................... 204
Timer0 and Timer1 External Clock ........................... 246
Timer1 Incrementing Edge.......................................... 87
Two Speed Start-up .................................................... 56
Wake-up from Interrupt ............................................. 215
Timing Parameter Symbology........................................... 240
Timing Requirements
I2C Bus Data ............................................................. 254
I2C Bus Start/Stop Bits ............................................. 253
SPI Mode .................................................................. 252
TRISA
Registers .................................................................... 59
TRISA Register................................................................... 59
TRISB
Registers .................................................................... 69
TRISB Register................................................................... 70
TRISC
Registers .................................................................... 76
TRISC Register................................................................... 76
Two-Speed Clock Start-up Mode........................................ 55
TXREG ............................................................................. 153
TXSTA Register................................................................ 160
BRGH Bit .................................................................. 163
U
UA..................................................................................... 180
Ultra Low-Power Wake-up.............. 14, 16, 18, 20, 22, 60, 63
Update Address bit, UA .................................................... 180
V
Voltage Reference (VR)
Specifications ........................................................... 248
Voltage Reference. See Comparator Voltage
Reference (CVREF)
Voltage References
Associated registers ................................................. 106
VP6 Stabilization ...................................................... 105
VREF. SEE ADC Reference Voltage
W
Wake-up on Break ............................................................ 168
Wake-up Using Interrupts ................................................. 214
Watchdog Timer (WDT).................................................... 212
Associated registers ................................................. 213
Clock Source ............................................................ 212
Modes....................................................................... 212
Period ....................................................................... 212
Specifications ........................................................... 245
WCOL bit .......................................................................... 181
WDTCON Register ........................................................... 213
WPUA Register................................................................... 62
WPUB Register................................................................... 70
Write Collision Detect bit (WCOL) .................................... 181
WWW Address ................................................................. 301
WWW, On-Line Support ....................................................... 8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com