Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F616-E/P Datasheet(PDF) 169 Page - Microchip Technology

Part # PIC16F616-E/P
Description  14-Pin, Flash-Based 8-Bit CMOS Microcontrollers
PDF  214 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F616-E/P Datasheet(HTML) 169 Page - Microchip Technology

Back Button PIC16F616-E/P Datasheet HTML 165Page - Microchip Technology PIC16F616-E/P Datasheet HTML 166Page - Microchip Technology PIC16F616-E/P Datasheet HTML 167Page - Microchip Technology PIC16F616-E/P Datasheet HTML 168Page - Microchip Technology PIC16F616-E/P Datasheet HTML 169Page - Microchip Technology PIC16F616-E/P Datasheet HTML 170Page - Microchip Technology PIC16F616-E/P Datasheet HTML 171Page - Microchip Technology PIC16F616-E/P Datasheet HTML 172Page - Microchip Technology PIC16F616-E/P Datasheet HTML 173Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 169 / 214 page
background image
© 2009 Microchip Technology Inc.
DS41288F-page 169
PIC16F610/616/16HV610/616
TABLE 15-14: DC CHARACTERISTICS FOR IDD SPECIFICATIONS FOR PIC16F616 – H (High
Temp.)
Param
No.
Device
Characteristics
Units
Min
Typ
Max
Condition
VDD
Note
D010
Supply Current (IDD)
μA
—13
58
2.0
IDD LP OSC (32 kHz)
—19
67
3.0
—32
92
5.0
D011
μA
—135
316
2.0
IDD XT OSC (1 MHz)
—185
400
3.0
—300
537
5.0
D012
μA
—240
495
2.0
IDD XT OSC (4 MHz)
—360
680
3.0
mA
—
0.660
1.20
5.0
D013
μA
—
75
158
2.0
IDD EC OSC (1 MHz)
—155
338
3.0
—345
792
5.0
D014
μA
—185
357
2.0
IDD EC OSC (4 MHz)
—325
625
3.0
mA
—
0.665
1.30
5.0
D016
μA
—245
476
2.0
IDD INTOSC (4 MHz)
—360
672
3.0
—
620
1.10
5.0
D017
μA
—
395
757
2.0
IDD INTOSC (8 MHz)
mA
—
0.620
1.20
3.0
—
1.20
2.20
5.0
D018
μA
—175
332
2.0
IDD EXTRC (4 MHz)
—285
518
3.0
—530
972
5.0
D019
mA
—
2.20
4.10
4.5
IDD HS OSC (20 MHz)
—
2.80
4.80
5.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com