Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC18F4580-E/SP Datasheet(PDF) 142 Page - Microchip Technology

Part # PIC18F4580-E/SP
Description  28/40/44-Pin Enhanced Flash Microcontrollers with ECAN Technology, 10-Bit A/D and nanoWatt Technology
PDF  490 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F4580-E/SP Datasheet(HTML) 142 Page - Microchip Technology

Back Button PIC18F4580-E/SP Datasheet HTML 138Page - Microchip Technology PIC18F4580-E/SP Datasheet HTML 139Page - Microchip Technology PIC18F4580-E/SP Datasheet HTML 140Page - Microchip Technology PIC18F4580-E/SP Datasheet HTML 141Page - Microchip Technology PIC18F4580-E/SP Datasheet HTML 142Page - Microchip Technology PIC18F4580-E/SP Datasheet HTML 143Page - Microchip Technology PIC18F4580-E/SP Datasheet HTML 144Page - Microchip Technology PIC18F4580-E/SP Datasheet HTML 145Page - Microchip Technology PIC18F4580-E/SP Datasheet HTML 146Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 142 / 490 page
background image
PIC18F2480/2580/4480/4580
DS39637D-page 142
© 2009 Microchip Technology Inc.
TABLE 11-5:
PORTC I/O SUMMARY
TABLE 11-6:
SUMMARY OF REGISTERS ASSOCIATED WITH PORTC
Pin Name
Function
I/O
TRIS
Buffer
Description
RC0/T1OSO/
T13CKI
RC0
OUT
0
DIG
LATC<0> data output.
IN
1
ST
PORTC<0> data input.
T1OSO
OUT
x
ANA
Timer1 oscillator output – overrides the TRIS<0> control when enabled.
T13CKI
IN
1
ST
Timer1/Timer3 clock input.
RC1/T1OSI
RC1
OUT
0
DIG
LATC<1> data output.
IN
1
ST
PORTC<1> data input.
T1OSI
IN
x
ANA
Timer1 oscillator input – overrides the TRIS<1> control when enabled.
RC2/CCP1
RC2
OUT
0
DIG
LATC<2> data output.
IN
1
ST
PORTC<2> data input.
CCP1
OUT
0
DIG
CCP1 compare output.
IN
1
ST
CCP1 capture input.
RC3/SCK/SCL
RC3
OUT
0
DIG
LATC<3> data output.
IN
1
ST
PORTC<3> data input.
SCK
OUT
0
DIG
SPI clock output (MSSP module) – must have TRIS set to ‘1’ to allow
MSSP module to control the bidirectional communication.
IN
1
ST
SPI clock input (MSSP module).
SCL
OUT
0
DIG
I2C™/SM bus clock output (MSSP module) – must have TRIS set to ‘1’ to
allow MSSP module to control the bidirectional communication.
IN
1
I2C™/SMB I2C/SM bus clock input.
RC4/SDI/SDA
RC4
OUT
0
DIG
LATC<4> data output.
IN
1
ST
PORTC<4> data input.
SDI
IN
1
ST
SPI data input (MSSP module).
SDA
OUT
1
DIG
I2C/SM bus data output (MSSP module) – must have TRIS set to ‘1’ to
allow MSSP module to control the bidirectional communication.
IN
1
I2C/SMB
I2C/SM bus data input (MSSP module) – must have TRIS set to ‘1’ to
allow MSSP module to control the bidirectional communication.
RC5/SDO
RC5
OUT
0
DIG
LATC<5> data output.
IN
1
ST
PORTC<5> data input.
SDO
OUT
0
DIG
SPI data output (MSSP module).
RC6/TX/CK
RC6
OUT
0
DIG
LATC<6> data output.
IN
1
ST
PORTC<6> data input.
TX
OUT
0
DIG
EUSART data output.
CK
OUT
1
DIG
EUSART synchronous clock output – must have TRIS set to ‘1’ to enable
EUSART to control the bidirectional communication.
IN
1
ST
EUSART synchronous clock input.
RC7/RX/DT
RC7
OUT
0
DIG
LATC<7> data output.
IN
1
ST
PORTC<7> data input.
RX
IN
1
ST
EUSART asynchronous data input.
DT
OUT
1
DIG
EUSART synchronous data output – must have TRIS set to ‘1’ to enable
EUSART to control the bidirectional communication.
IN
1
ST
EUSART synchronous data input.
Legend:
OUT = Output, IN = Input, ANA = Analog Signal, DIG = Digital Output, ST = Schmitt Buffer Input, TTL = TTL Buffer Input
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reset
Values
on Page:
PORTC
RC7
RC6
RC5
RC4
RC3
RC2
RC1
RC0
58
LATC
LATC Output Latch Register
58
TRISC
PORTC Data Direction Register
58



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com