Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F610-E/ST Datasheet(PDF) 194 Page - Microchip Technology

Part # PIC16F610-E/ST
Description  14-Pin, Flash-Based 8-Bit CMOS Microcontrollers
PDF  214 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F610-E/ST Datasheet(HTML) 194 Page - Microchip Technology

Back Button PIC16F610-E/ST Datasheet HTML 190Page - Microchip Technology PIC16F610-E/ST Datasheet HTML 191Page - Microchip Technology PIC16F610-E/ST Datasheet HTML 192Page - Microchip Technology PIC16F610-E/ST Datasheet HTML 193Page - Microchip Technology PIC16F610-E/ST Datasheet HTML 194Page - Microchip Technology PIC16F610-E/ST Datasheet HTML 195Page - Microchip Technology PIC16F610-E/ST Datasheet HTML 196Page - Microchip Technology PIC16F610-E/ST Datasheet HTML 197Page - Microchip Technology PIC16F610-E/ST Datasheet HTML 198Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 194 / 214 page
background image
PIC16F610/616/16HV610/616
DS41288F-page 194
© 2009 Microchip Technology Inc.
FIGURE 16-49:
0.6V REFERENCE VOLTAGE vs. TEMP (TYPICAL)
FIGURE 16-50:
1.2V REFERENCE VOLTAGE vs. TEMP (TYPICAL)
FIGURE 16-51:
SHUNT REGULATOR VOLTAGE vs. INPUT CURRENT (TYPICAL)
0.56
0.57
0.58
0.59
0.6
0.61
-60
-40
-20
0
20
40
60
80
100
120
140
Temp (C)
2.5V
4V
5V
5.5V
3V
1.2
1.21
1.22
1.23
1.24
1.25
1.26
-60
-40
-20
0
20
40
60
80
100
120
140
Temp (C)
2.5V
3V
4V
5V
5.5V
4.96
4.98
5
5.02
5.04
5.06
5.08
5.1
5.12
5.14
5.16
010
20
30
40
50
60
Input Current (mA)
25°C
85°C
125°C
-40°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com