Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F616-H/ST Datasheet(PDF) 206 Page - Microchip Technology

Part # PIC16F616-H/ST
Description  14-Pin, Flash-Based 8-Bit CMOS Microcontrollers
PDF  214 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F616-H/ST Datasheet(HTML) 206 Page - Microchip Technology

Back Button PIC16F616-H/ST Datasheet HTML 202Page - Microchip Technology PIC16F616-H/ST Datasheet HTML 203Page - Microchip Technology PIC16F616-H/ST Datasheet HTML 204Page - Microchip Technology PIC16F616-H/ST Datasheet HTML 205Page - Microchip Technology PIC16F616-H/ST Datasheet HTML 206Page - Microchip Technology PIC16F616-H/ST Datasheet HTML 207Page - Microchip Technology PIC16F616-H/ST Datasheet HTML 208Page - Microchip Technology PIC16F616-H/ST Datasheet HTML 209Page - Microchip Technology PIC16F616-H/ST Datasheet HTML 210Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 206 / 214 page
background image
PIC16F610/616/16HV610/616
DS41288F-page 206
© 2009 Microchip Technology Inc.
APPENDIX B:
MIGRATING FROM
OTHER PIC®
DEVICES
This discusses some of the issues in migrating from
other PIC® devices to the PIC16F6XX Family of
devices.
B.1
PIC16F676 to PIC16F610/616/16HV610/616
TABLE B-1:
FEATURE COMPARISON
Feature
PIC16F676
PIC16F610/16HV610
PIC16F616/16HV616
Max Operating Speed
20 MHz
20 MHz
20 MHz
Max Program Memory (Words)
1024
1024
2048
SRAM (bytes)
64
64
128
A/D Resolution
10-bit
None
10-bit
Timers (8/16-bit)
1/1
1/1
2/1
Oscillator Modes
8
8
8
Brown-out Reset
Y
Y
Y
Internal Pull-ups
RA0/1/2/4/5
RA0/1/2/4/5, MCLR
RA0/1/2/4/5, MCLR
Interrupt-on-change
RA0/1/2/3/4/5
RA0/1/2/3/4/5
RA0/1/2/3/4/5
Comparator
1
2
2
ECCP
N
N
Y
INTOSC Frequencies
4 MHz
4/8 MHz
4/8 MHz
Internal Shunt Regulator
N
Y (PIC16HV610)
Y (PIC16HV616)
Note:
This device has been designed to perform
to the parameters of its data sheet. It has
been tested to an electrical specification
designed to determine its conformance
with these parameters. Due to process
differences in the manufacture of this
device, this device may have different
performance characteristics than its earlier
version. These differences may cause this
device to perform differently in your
application than the earlier version of this
device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com