Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC18F4580-E/ML Datasheet(PDF) 301 Page - Microchip Technology

Part # PIC18F4580-E/ML
Description  28/40/44-Pin Enhanced Flash Microcontrollers with ECAN Technology, 10-Bit A/D and nanoWatt Technology
PDF  490 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F4580-E/ML Datasheet(HTML) 301 Page - Microchip Technology

Back Button PIC18F4580-E/ML Datasheet HTML 297Page - Microchip Technology PIC18F4580-E/ML Datasheet HTML 298Page - Microchip Technology PIC18F4580-E/ML Datasheet HTML 299Page - Microchip Technology PIC18F4580-E/ML Datasheet HTML 300Page - Microchip Technology PIC18F4580-E/ML Datasheet HTML 301Page - Microchip Technology PIC18F4580-E/ML Datasheet HTML 302Page - Microchip Technology PIC18F4580-E/ML Datasheet HTML 303Page - Microchip Technology PIC18F4580-E/ML Datasheet HTML 304Page - Microchip Technology PIC18F4580-E/ML Datasheet HTML 305Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 301 / 490 page
background image
© 2009 Microchip Technology Inc.
DS39637D-page 301
PIC18F2480/2580/4480/4580
REGISTER 24-23: BnCON: TX/RX BUFFER n CONTROL REGISTERS IN TRANSMIT MODE
[0
≤ n ≤ 5, TXnEN (BSEL0<n>) = 1](1)
R/W-0
R-0
R-0
R-0
R/W-0
R/W-0
R/W-0
R/W-0
TXBIF(3)
TXABT(3)
TXLARB(3)
TXERR(3)
TXREQ(2,4)
RTREN
TXPRI1(5)
TXPRI0(5)
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7
TXBIF: Transmit Buffer Interrupt Flag bit(3)
1 = A message is successfully transmitted
0 = No message was transmitted
bit 6
TXABT: Transmission Aborted Status bit(3)
1 = Message was aborted
0 = Message was not aborted
bit 5
TXLARB: Transmission Lost Arbitration Status bit(3)
1 = Message lost arbitration while being sent
0 = Message did not lose arbitration while being sent
bit 4
TXERR: Transmission Error Detected Status bit(3)
1 = A bus error occurred while the message was being sent
0 = A bus error did not occur while the message was being sent
bit 3
TXREQ: Transmit Request Status bit(2,4)
1 = Requests sending a message; clears the TXABT, TXLARB and TXERR bits
0 = Automatically cleared when the message is successfully sent
bit 2
RTREN: Automatic Remote Transmission Request Enable bit
1 = When a remote transmission request is received, TXREQ will be automatically set
0 = When a remote transmission request is received, TXREQ will be unaffected
bit 1-0
TXPRI<1:0>: Transmit Priority bits(5)
11 = Priority Level 3 (highest priority)
10 = Priority Level 2
01 = Priority Level 1
00 = Priority Level 0 (lowest priority)
Note 1:
These registers are available in Mode 1 and 2 only.
2:
Clearing this bit in software while the bit is set will request a message abort.
3:
This bit is automatically cleared when TXREQ is set.
4:
While TXREQ is set or a transmission is in progress, Transmit Buffer registers remain read-only.
5:
These bits set the order in which the Transmit Buffer register will be transferred. They do not alter the CAN
message identifier.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com