Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC18F4580-E/ML Datasheet(PDF) 324 Page - Microchip Technology

Part # PIC18F4580-E/ML
Description  28/40/44-Pin Enhanced Flash Microcontrollers with ECAN Technology, 10-Bit A/D and nanoWatt Technology
PDF  490 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F4580-E/ML Datasheet(HTML) 324 Page - Microchip Technology

Back Button PIC18F4580-E/ML Datasheet HTML 320Page - Microchip Technology PIC18F4580-E/ML Datasheet HTML 321Page - Microchip Technology PIC18F4580-E/ML Datasheet HTML 322Page - Microchip Technology PIC18F4580-E/ML Datasheet HTML 323Page - Microchip Technology PIC18F4580-E/ML Datasheet HTML 324Page - Microchip Technology PIC18F4580-E/ML Datasheet HTML 325Page - Microchip Technology PIC18F4580-E/ML Datasheet HTML 326Page - Microchip Technology PIC18F4580-E/ML Datasheet HTML 327Page - Microchip Technology PIC18F4580-E/ML Datasheet HTML 328Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 324 / 490 page
background image
PIC18F2480/2580/4480/4580
DS39637D-page 324
© 2009 Microchip Technology Inc.
REGISTER 24-59: TXBIE: TRANSMIT BUFFERS INTERRUPT ENABLE REGISTER(1)
U-0
U-0
U-0
R/W-0
R/W-0
R/W-0
U-0
U-0
—
—
—
TXB2IE(2)
TXB1IE(2)
TXB0IE(2)
—
—
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7-5
Unimplemented: Read as ‘0’
bit 4-2
TXB2IE:TXB0IE: Transmit Buffer 2-0 Interrupt Enable bits(2)
1 = Transmit buffer interrupt is enabled
0 = Transmit buffer interrupt is disabled
bit 1-0
Unimplemented: Read as ‘0’
Note 1:
This register is available in Mode 1 and 2 only.
2:
TXBnIE in PIE3 register must be set to get an interrupt.
REGISTER 24-60: BIE0: BUFFER INTERRUPT ENABLE REGISTER 0(1)
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
B5IE(2)
B4IE(2)
B3IE(2)
B2IE(2)
B1IE(2)
B0IE(2)
RXB1IE(2)
RXB0IE(2)
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7-2
B5IE:B0IE: Programmable Transmit/Receive Buffer 5-0 Interrupt Enable bits(2)
1 = Interrupt is enabled
0 = Interrupt is disabled
bit 1-0
RXB1IE:RXB0IE: Dedicated Receive Buffer 1-0 Interrupt Enable bits(2)
1 = Interrupt is enabled
0 = Interrupt is disabled
Note 1:
This register is available in Mode 1 and 2 only.
2:
Either TXBnIE or RXBnIE in the PIE3 register must be set to get an interrupt.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com