Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC18F4580-E/ML Datasheet(PDF) 343 Page - Microchip Technology

Part # PIC18F4580-E/ML
Description  28/40/44-Pin Enhanced Flash Microcontrollers with ECAN Technology, 10-Bit A/D and nanoWatt Technology
PDF  490 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F4580-E/ML Datasheet(HTML) 343 Page - Microchip Technology

Back Button PIC18F4580-E/ML Datasheet HTML 339Page - Microchip Technology PIC18F4580-E/ML Datasheet HTML 340Page - Microchip Technology PIC18F4580-E/ML Datasheet HTML 341Page - Microchip Technology PIC18F4580-E/ML Datasheet HTML 342Page - Microchip Technology PIC18F4580-E/ML Datasheet HTML 343Page - Microchip Technology PIC18F4580-E/ML Datasheet HTML 344Page - Microchip Technology PIC18F4580-E/ML Datasheet HTML 345Page - Microchip Technology PIC18F4580-E/ML Datasheet HTML 346Page - Microchip Technology PIC18F4580-E/ML Datasheet HTML 347Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 343 / 490 page
background image
© 2009 Microchip Technology Inc.
DS39637D-page 343
PIC18F2480/2580/4480/4580
FIGURE 24-6:
LENGTHENING A BIT PERIOD (ADDING SJW TO PHASE SEGMENT 1)
FIGURE 24-7:
SHORTENING A BIT PERIOD (SUBTRACTING SJW FROM PHASE SEGMENT 2)
24.11 Programming Time Segments
Some requirements for programming of the time
segments:
• Prop_Seg + Phase_Seg 1
≥ Phase_Seg 2
• Phase_Seg 2
≥ Sync Jump Width.
For example, assume that a 125 kHz CAN baud rate is
desired, using 20 MHz for FOSC. With a TOSC of 50 ns,
a baud rate prescaler value of 04h gives a TQ of 500 ns.
To obtain a Nominal Bit Rate of 125 kHz, the Nominal
Bit Time must be 8
μs or 16 TQ.
Using 1 TQ for the Sync_Seg, 2 TQ for the Prop_Seg
and 7 TQ for Phase Segment 1 would place the sample
point at 10 TQ after the transition. This leaves 6 TQ for
Phase Segment 2.
By the rules above, the Sync Jump Width could be the
maximum of 4 TQ. However, normally a large SJW is
only necessary when the clock generation of the
different nodes is inaccurate or unstable, such as using
ceramic resonators. Typically, an SJW of 1 is enough.
24.12 Oscillator Tolerance
As a rule of thumb, the bit timing requirements allow
ceramic resonators to be used in applications with
transmission rates of up to 125 Kbit/sec. For the full bus
speed range of the CAN protocol, a quartz oscillator is
required. Refer to ISO11898-1 for oscillator tolerance
requirements.
Input
Sync
Prop
Segment
Phase
Segment 1
Phase
Segment 2
≤ SJW
Sample Point
TQ
Signal
Nominal Bit Length
Actual Bit Length
Bit
Time
Segments
Sync
Prop
Segment
Phase
Segment 1
Phase
Segment 2
≤ SJW
TQ
Sample Point
Nominal Bit Length
Actual Bit Length



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com