Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC18F4580-E/ML Datasheet(PDF) 349 Page - Microchip Technology

Part # PIC18F4580-E/ML
Description  28/40/44-Pin Enhanced Flash Microcontrollers with ECAN Technology, 10-Bit A/D and nanoWatt Technology
PDF  490 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F4580-E/ML Datasheet(HTML) 349 Page - Microchip Technology

Back Button PIC18F4580-E/ML Datasheet HTML 345Page - Microchip Technology PIC18F4580-E/ML Datasheet HTML 346Page - Microchip Technology PIC18F4580-E/ML Datasheet HTML 347Page - Microchip Technology PIC18F4580-E/ML Datasheet HTML 348Page - Microchip Technology PIC18F4580-E/ML Datasheet HTML 349Page - Microchip Technology PIC18F4580-E/ML Datasheet HTML 350Page - Microchip Technology PIC18F4580-E/ML Datasheet HTML 351Page - Microchip Technology PIC18F4580-E/ML Datasheet HTML 352Page - Microchip Technology PIC18F4580-E/ML Datasheet HTML 353Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 349 / 490 page
background image
© 2009 Microchip Technology Inc.
DS39637D-page 349
PIC18F2480/2580/4480/4580
25.0 SPECIAL FEATURES OF
THE CPU
PIC18F2480/2580/4480/4580 devices include several
features intended to maximize reliability and minimize
cost through elimination of external components.
These are:
• Oscillator Selection
• Resets:
- Power-on Reset (POR)
- Power-up Timer (PWRT)
- Oscillator Start-up Timer (OST)
- Brown-out Reset (BOR)
• Interrupts
• Watchdog Timer (WDT)
• Fail-Safe Clock Monitor
• Two-Speed Start-up
• Code Protection
• ID Locations
• In-Circuit Serial Programming
The oscillator can be configured for the application
depending on frequency, power, accuracy and cost. All
of the options are discussed in detail in Section 3.0
“Oscillator Configurations”.
A complete discussion of device Resets and interrupts
is available in previous sections of this data sheet.
In addition to their Power-up and Oscillator Start-up
Timers provided for Resets, PIC18F2480/2580/4480/
4580 devices have a Watchdog Timer, which is either
permanently enabled via the Configuration bits or
software controlled (if configured as disabled).
The inclusion of an internal RC oscillator also provides
the additional benefits of a Fail-Safe Clock Monitor
(FSCM) and Two-Speed Start-up. FSCM provides for
background monitoring of the peripheral clock and
automatic switchover in the event of its failure. Two-
Speed Start-up enables code to be executed almost
immediately on start-up, while the primary clock source
completes its start-up delays.
All of these features are enabled and configured by
setting the appropriate Configuration register bits.
25.1
Configuration Bits
The Configuration bits can be programmed (read as
‘0’) or left unprogrammed (read as ‘1’) to select various
device configurations. These bits are mapped starting
at program memory location 300000h.
The user will note that address 300000h is beyond the
user program memory space. In fact, it belongs to the
configuration memory space (300000h-3FFFFFh), which
can only be accessed using table reads and table writes.
Programming the Configuration registers is done in a
manner similar to programming the Flash memory. The
WR bit in the EECON1 register starts a self-timed write
to the Configuration register. In normal operation
mode, a TBLWT instruction with the TBLPTR pointing to
the Configuration register sets up the address and the
data for the Configuration register write. Setting the WR
bit starts a long write to the Configuration register. The
Configuration registers are written a byte at a time. To
write or erase a configuration cell, a TBLWT instruction
can write a ‘1’ or a ‘0’ into the cell. For additional details
on Flash programming, refer to Section 7.5 “Writing
to Flash Program Memory”.
TABLE 25-1:
CONFIGURATION BITS AND DEVICE IDs
File Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Default/
Unprogrammed
Value
300001h
CONFIG1H
IESO
FCMEN
—
—
FOSC3
FOSC2
FOSC1
FOSC0
00-- 0111
300002h
CONFIG2L
—
—
—
BORV1
BORV0
BOREN1 BOREN0 PWRTEN
---1 1111
300003h
CONFIG2H
—
—
—
WDTPS3 WDTPS2 WDTPS1 WDTPS0
WDTEN
---1 1111
300005h
CONFIG3H MCLRE
—
—
—
—
LPT1OSC PBADEN
—
1--- -01-
300006h
CONFIG4L
DEBUG
XINST
—BBSIZ
—LVP
—STVREN
10-0 -1-1
300008h
CONFIG5L
—
—
—
—
CP3
CP2
CP1
CP0
---- 1111
300009h
CONFIG5H
CPD
CPB
—
—
—
—
—
—
11-- ----
30000Ah
CONFIG6L
—
—
—
—
WRT3
WRT2
WRT1
WRT0
---- 1111
30000Bh
CONFIG6H
WRTD
WRTB
WRTC
—
—
—
—
—
111- ----
30000Ch
CONFIG7L
—
—
—
—
EBTR3
EBTR2
EBTR1
EBTR0
---- 1111
30000Dh
CONFIG7H
—EBTRB
—
—
—
—
—
—
-1-- ----
3FFFFEh DEVID1
DEV2
DEV1
DEV0
REV4
REV3
REV2
REV1
REV0
xxxx xxxx(1)
3FFFFFh DEVID2
DEV10
DEV9
DEV8
DEV7
DEV6
DEV5
DEV4
DEV3
0000 1100
Legend:
x = unknown, u = unchanged, - = unimplemented, q = value depends on condition.
Shaded cells are unimplemented, read as ‘0’.
Note 1:
See Register 25-12 for DEVID1 values. DEVID registers are read-only and cannot be programmed by the user.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com