Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC18F4580-E/ML Datasheet(PDF) 431 Page - Microchip Technology

Part # PIC18F4580-E/ML
Description  28/40/44-Pin Enhanced Flash Microcontrollers with ECAN Technology, 10-Bit A/D and nanoWatt Technology
PDF  490 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F4580-E/ML Datasheet(HTML) 431 Page - Microchip Technology

Back Button PIC18F4580-E/ML Datasheet HTML 427Page - Microchip Technology PIC18F4580-E/ML Datasheet HTML 428Page - Microchip Technology PIC18F4580-E/ML Datasheet HTML 429Page - Microchip Technology PIC18F4580-E/ML Datasheet HTML 430Page - Microchip Technology PIC18F4580-E/ML Datasheet HTML 431Page - Microchip Technology PIC18F4580-E/ML Datasheet HTML 432Page - Microchip Technology PIC18F4580-E/ML Datasheet HTML 433Page - Microchip Technology PIC18F4580-E/ML Datasheet HTML 434Page - Microchip Technology PIC18F4580-E/ML Datasheet HTML 435Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 431 / 490 page
background image
© 2009 Microchip Technology Inc.
DS39637D-page 431
PIC18F2480/2580/4480/4580
Module Differential Currents (
ΔIWDT, ΔIBOR, ΔILVD, ΔIOSCB, ΔIAD)
D022
(
ΔIWDT)
Watchdog Timer
1.7
7.6
μA
-40°C
VDD = 2.0V
2.1
8
μA+25°C
2.6
8.4
μA+85°C
2.2
11.4
μA
-40°C
VDD = 3.0V
2.4
12
μA+25°C
2.8
12.6
μA+85°C
2.9
14.3
μA
-40°C
VDD = 5.0V
3.1
15
μA+25°C
3.3
15.8
μA+85°C
7.80
19
μA
+125°C
D022A
(
ΔIBOR)
Brown-out Reset
17
75
μA-40°C to +85°CVDD = 3.0V
47
92
μA-40°C to +85°C
VDD = 5.0V
30
58
μA
+125°C
02
μA-40°C to +85°C
Sleep mode
0
5
μA
-40
°C to +125°CBOREN<1:0>
D022B
High/Low-Voltage Detect
14
47
μA-40°C to +85°C
VDD = 2.0V
(
ΔILVD)18
58
μA-40°C to +85°CVDD = 3.0V
21
69
μA-40°C to +85°C
VDD = 5.0V
19
50
μA
+125°C
D025
Timer1 Oscillator
1.0
8
μA-40°C
VDD = 2.0V
32 kHz on Timer1(4)
(
ΔIOSCB)1.1
8
μA+25°C
1.1
8
μA+85°C
1.2
8.2
μA-40°C
VDD = 3.0V
32 kHz on Timer1(4)
1.3
8.2
μA+25°C
1.2
8.2
μA+85°C
1.8
10
μA-40°C
VDD = 5.0V
32 kHz on Timer1(4)
1.9
10
μA+25°C
1.9
10
μA+85°C
28.2
DC Characteristics:
Power-Down and Supply Current
PIC18F2480/2580/4480/4580 (Industrial, Extended)
PIC18LF2480/2580/4480/4580 (Industrial) (Continued)
PIC18LF2480/2580/4480/4580
(Industrial)
Standard Operating Conditions (unless otherwise stated)
Operating temperature
-40°C
≤ TA ≤ +85°C for industrial
PIC18F2480/2580/4480/4580
(Industrial, Extended)
Standard Operating Conditions (unless otherwise stated)
Operating temperature
-40°C
≤ TA ≤ +85°C for industrial
-40°C
≤ TA ≤ +125°C for extended
Param
No.
Device
Typ
Max
Units
Conditions
Legend: Shading of rows is to assist in readability of the table.
Note 1: The power-down current in Sleep mode does not depend on the oscillator type. Power-down current is measured with the
part in Sleep mode, with all I/O pins in high-impedance state and tied to VDD or VSS and all features that add delta current
disabled (such as WDT, Timer1 Oscillator, BOR, etc.).
2: The supply current is mainly a function of operating voltage, frequency and mode. Other factors, such as I/O pin loading
and switching rate, oscillator type and circuit, internal code execution pattern and temperature, also have an impact on the
current consumption.The test conditions for all IDD measurements in active operation mode are:
OSC1 = external square wave, from rail-to-rail; all I/O pins tri-stated, pulled to VDD;
MCLR = VDD; WDT enabled/disabled as specified.
3: For RC oscillator configurations, current through REXT is not included. The current through the resistor can be estimated
by the formula, Ir = VDD/2REXT (mA), with REXT in k
Ω.
4: Standard low-cost 32 kHz crystals have an operating temperature range of -10°C to +70°C. Extended temperature
crystals are available at a much higher cost.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com