Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC18F23K22-I/ML Datasheet(PDF) 252 Page - Microchip Technology

Part # PIC18F23K22-I/ML
Description  28/40/44-Pin, Low-Power, High-Performance Microcontrollers with nanoWatt XLP Technology
PDF  492 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F23K22-I/ML Datasheet(HTML) 252 Page - Microchip Technology

Back Button PIC18F23K22-I/ML Datasheet HTML 248Page - Microchip Technology PIC18F23K22-I/ML Datasheet HTML 249Page - Microchip Technology PIC18F23K22-I/ML Datasheet HTML 250Page - Microchip Technology PIC18F23K22-I/ML Datasheet HTML 251Page - Microchip Technology PIC18F23K22-I/ML Datasheet HTML 252Page - Microchip Technology PIC18F23K22-I/ML Datasheet HTML 253Page - Microchip Technology PIC18F23K22-I/ML Datasheet HTML 254Page - Microchip Technology PIC18F23K22-I/ML Datasheet HTML 255Page - Microchip Technology PIC18F23K22-I/ML Datasheet HTML 256Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 252 / 492 page
background image
PIC18(L)F2X/4XK22
DS41412B-page 252
Preliminary
 2010 Microchip Technology Inc.
15.6.13.3
Bus Collision During a Stop
Condition
Bus collision occurs during a Stop condition if:
a)
After the SDAx pin has been deasserted and
allowed to float high, SDAx is sampled low after
the BRG has timed out.
b)
After the SCLx pin is deasserted, SCLx is
sampled low before SDAx goes high.
The Stop condition begins with SDAx asserted low.
When SDAx is sampled low, the SCLx pin is allowed to
float. When the pin is sampled high (clock arbitration),
the Baud Rate Generator is loaded with SSPxADD and
counts down to 0. After the BRG times out, SDAx is
sampled. If SDAx is sampled low, a bus collision has
occurred. This is due to another master attempting to
drive a data ‘0’ (Figure 15-37). If the SCLx pin is
sampled low before SDAx is allowed to float high, a bus
collision occurs. This is another case of another master
attempting to drive a data ‘0’ (Figure 15-38).
FIGURE 15-38:
BUS COLLISION DURING A STOP CONDITION (CASE 1)
FIGURE 15-39:
BUS COLLISION DURING A STOP CONDITION (CASE 2)
SDAx
SCLx
BCLxIF
PEN
P
SSPxIF
TBRG
TBRG
TBRG
SDAx asserted low
SDAx sampled
low after TBRG,
set BCLxIF
’0’
’0’
SDAx
SCLx
BCLxIF
PEN
P
SSPxIF
TBRG
TBRG
TBRG
Assert SDAx
SCLx goes low before SDAx goes high,
set BCLxIF
’0’
’0’



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com