Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC18F23K22-E/ML Datasheet(PDF) 317 Page - Microchip Technology

Part # PIC18F23K22-E/ML
Description  28/40/44-Pin, Low-Power, High-Performance Microcontrollers with nanoWatt XLP Technology
PDF  492 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F23K22-E/ML Datasheet(HTML) 317 Page - Microchip Technology

Back Button PIC18F23K22-E/ML Datasheet HTML 313Page - Microchip Technology PIC18F23K22-E/ML Datasheet HTML 314Page - Microchip Technology PIC18F23K22-E/ML Datasheet HTML 315Page - Microchip Technology PIC18F23K22-E/ML Datasheet HTML 316Page - Microchip Technology PIC18F23K22-E/ML Datasheet HTML 317Page - Microchip Technology PIC18F23K22-E/ML Datasheet HTML 318Page - Microchip Technology PIC18F23K22-E/ML Datasheet HTML 319Page - Microchip Technology PIC18F23K22-E/ML Datasheet HTML 320Page - Microchip Technology PIC18F23K22-E/ML Datasheet HTML 321Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 317 / 492 page
background image
 2010 Microchip Technology Inc.
Preliminary
DS41412B-page 317
PIC18(L)F2X/4XK22
19.0 CHARGE TIME
MEASUREMENT UNIT (CTMU)
The Charge Time Measurement Unit (CTMU) is a
flexible analog module that provides accurate
differential time measurement between pulse sources,
as well as asynchronous pulse generation. By working
with other on-chip analog modules, the CTMU can be
used to precisely measure time, measure capacitance,
measure relative changes in capacitance or generate
output pulses with a specific time delay. The CTMU is
ideal for interfacing with capacitive-based sensors.
The module includes the following key features:
• Up to 28(1) channels available for capacitive or
time measurement input
• On-chip precision current source
• Four-edge input trigger sources
• Polarity control for each edge source
• Control of edge sequence
• Control of response to edges
• Time measurement resolution of 1 nanosecond
• High precision time measurement
• Time delay of external or internal signal
asynchronous to system clock
• Accurate current source suitable for capacitive
measurement
The CTMU works in conjunction with the A/D Converter
to provide up to 28(1) channels for time or charge
measurement, depending on the specific device and
the number of A/D channels available. When config-
ured for time delay, the CTMU is connected to the
C12IN1- input of Comparator 2. The level-sensitive
input edge sources can be selected from four sources:
two external input pins (CTED1/CTED2) or the ECCP1/
(E)CCP2 Special Event Triggers.
Figure 19-1 provides a block diagram of the CTMU.
FIGURE 19-1:
CTMU BLOCK DIAGRAM
Note 1: PIC18(L)F2XK22 devices have up to 17
channels available.
CTED1
CTED2
Current Source
Edge
Control
Logic
CTMUCONH/CTMUCONL
Pulse
Generator
A/D Converter
Comparator 2
Input
ECCP2
ECCP1
Current
Control
ITRIM<5:0>
IRNG<1:0>
CTMUICON
CTMU
Control
Logic
EDGEN
EDGSEQEN
EDG1SELx
EDG1POL
EDG2SELx
EDG2POL
EDG1STAT
EDG2STAT
TGEN
IDISSEN
CTPLS
Comparator 2 Output
CTTRIG



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com