Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC18F23K22-E/ML Datasheet(PDF) 139 Page - Microchip Technology

Part # PIC18F23K22-E/ML
Description  28/40/44-Pin, Low-Power, High-Performance Microcontrollers with nanoWatt XLP Technology
PDF  492 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F23K22-E/ML Datasheet(HTML) 139 Page - Microchip Technology

Back Button PIC18F23K22-E/ML Datasheet HTML 135Page - Microchip Technology PIC18F23K22-E/ML Datasheet HTML 136Page - Microchip Technology PIC18F23K22-E/ML Datasheet HTML 137Page - Microchip Technology PIC18F23K22-E/ML Datasheet HTML 138Page - Microchip Technology PIC18F23K22-E/ML Datasheet HTML 139Page - Microchip Technology PIC18F23K22-E/ML Datasheet HTML 140Page - Microchip Technology PIC18F23K22-E/ML Datasheet HTML 141Page - Microchip Technology PIC18F23K22-E/ML Datasheet HTML 142Page - Microchip Technology PIC18F23K22-E/ML Datasheet HTML 143Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 139 / 492 page
background image
 2010 Microchip Technology Inc.
Preliminary
DS41412B-page 139
PIC18(L)F2X/4XK22
A mismatch condition will continue to set the RBIF flag bit.
Reading or writing PORTB will end the mismatch
condition and allow the RBIF bit to be cleared. The latch
holding the last read value is not affected by a MCLR nor
Brown-out Reset. After either one of these Resets, the
RBIF flag will continue to be set if a mismatch is present.
The interrupt-on-change feature is recommended for
wake-up on key depression operation and operations
where PORTB is only used for the interrupt-on-change
feature. Polling of PORTB is not recommended while
using the interrupt-on-change feature.
10.3.3
ALTERNATE FUNCTIONS
PORTB is multiplexed with several peripheral functions
(Table 10-5). The pins have TTL input buffers. Some of
these pin functions can be relocated to alternate pins
using the Control fuse bits in CONFIG3H. RB5 is the
default pin for P2B (28-pin devices). Clearing the
P2BMX bit moves the pin function to RC0. RB5 is also
the default pin for the CCP3/P3A peripheral pin. Clear-
ing the CCP3MX bit moves the pin function to the RC6
pin (28-pin devices) or RE0 (40/44-pin devices).
Two other pin functions, T3CKI and CCP2/P2A, can be
relocated from their default pins to PORTB pins by
clearing the control fuses in CONFIG3H. Clearing
T3CMX and CCP2MX moves the pin functions to RB5
and RB3, respectively.
Note:
If a change on the I/O pin should occur
when the read operation is being executed
(start of the Q2 cycle), then the RBIF
interrupt flag may not get set. Furthermore,
since a read or write on a port affects all bits
of that port, care must be taken when using
multiple pins in Interrupt-on-change mode.
Changes on one pin may not be seen while
servicing changes on another pin.
TABLE 10-5:
PORTB I/O SUMMARY
Pin
Function
TRIS
Setting
ANSEL
Setting
Pin
Type
Buffer
Type
Description
RB0/INT0/CCP4/
FLT0/SRI/SS2/
AN12
RB0
01
O
DIG
LATB<0> data output; not affected by analog input.
10
I
TTL
PORTB<0> data input; disabled when analog input
enabled.
INT0
1
0
I
ST
External interrupt 0.
CCP4(3)
01
O
DIG
Compare 4 output/PWM 4 output.
10
I
ST
Capture 4 input.
FLT0
10
I
ST
PWM Fault input for ECCP auto-shutdown.
SRI
10
I
ST
SR Latch input.
SS2(3)
10
I
TTL
SPI slave select input (MSSP2).
AN12
11
I
AN
Analog input 12.
RB1/INT1/P1C/
SCK2/SCL2/
C12IN3-/AN10
RB1
01
O
DIG
LATB<1> data output; not affected by analog input.
10
I
ST
PORTB<1> data input; disabled when analog input
enabled.
INT1
10
I
ST
External Interrupt 1.
P1C(3)
01
O
DIG
Enhanced CCP1 PWM output 3.
SCK2(3)
01
O
DIG
MSSP2 SPI Clock output.
10
I
ST
MSSP2 SPI Clock input.
SCL2(3)
01
ODIG
MSSP2 I2CTM Clock output.
10
II2C
MSSP2 I2CTM Clock input.
C12IN3-
11
I
AN
Comparators C1 and C2 inverting input.
AN10
11
I
AN
Analog input 10.
Legend:
AN = Analog input or output; TTL = TTL compatible input; HV = High Voltage; OD = Open Drain; XTAL = Crystal; CMOS =
CMOS compatible input or output; ST = Schmitt Trigger input with CMOS levels; I2CTM
= Schmitt Trigger input with I2C.
Note 1:
Default pin assignment for P2B, T3CKI, CCP3 and CCP2 when Configuration bits PB2MX, T3CMX, CCP3MX and
CCP2MX are set.
2:
Alternate pin assignment for P2B, T3CKI, CCP3 and CCP2 when Configuration bits PB2MX, T3CMX, CCP3MX and
CCP2MX are clear.
3:
Function on PORTD and PORTE for PIC18(L)F4XK22 devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com