Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC18F23K22-E/ML Datasheet(PDF) 177 Page - Microchip Technology

Part # PIC18F23K22-E/ML
Description  28/40/44-Pin, Low-Power, High-Performance Microcontrollers with nanoWatt XLP Technology
PDF  492 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F23K22-E/ML Datasheet(HTML) 177 Page - Microchip Technology

Back Button PIC18F23K22-E/ML Datasheet HTML 173Page - Microchip Technology PIC18F23K22-E/ML Datasheet HTML 174Page - Microchip Technology PIC18F23K22-E/ML Datasheet HTML 175Page - Microchip Technology PIC18F23K22-E/ML Datasheet HTML 176Page - Microchip Technology PIC18F23K22-E/ML Datasheet HTML 177Page - Microchip Technology PIC18F23K22-E/ML Datasheet HTML 178Page - Microchip Technology PIC18F23K22-E/ML Datasheet HTML 179Page - Microchip Technology PIC18F23K22-E/ML Datasheet HTML 180Page - Microchip Technology PIC18F23K22-E/ML Datasheet HTML 181Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 177 / 492 page
background image
 2010 Microchip Technology Inc.
Preliminary
DS41412B-page 177
PIC18(L)F2X/4XK22
14.0 CAPTURE/COMPARE/PWM
MODULES
The Capture/Compare/PWM module is a peripheral
which allows the user to time and control different
events, and to generate Pulse-Width Modulation
(PWM) signals. In Capture mode, the peripheral allows
the timing of the duration of an event. The Compare
mode allows the user to trigger an external event when
a predetermined amount of time has expired. The
PWM mode can generate Pulse-Width Modulated
signals of varying frequency and duty cycle.
This family of devices contains three Enhanced
Capture/Compare/PWM modules (ECCP1, ECCP2,
and ECCP3) and two standard Capture/Compare/PWM
modules (CCP4 and CCP5).
The Capture and Compare functions are identical for all
CCP/ECCP modules. The difference between CCP
and ECCP modules are in the Pulse-Width Modulation
(PWM) function. In CCP modules, the standard PWM
function is identical. In ECCP modules, the Enhanced
PWM function has either Full-Bridge or Half-Bridge
PWM output. Full-Bridge ECCP modules have four
available I/O pins while Half-Bridge ECCP modules
only have two available I/O pins. ECCP PWM modules
are backward compatible with CCP PWM modules and
can be configured as standard PWM modules. See
Table 14-1 to determine the CCP/ECCP functionality
available on each device in this family.
Note 1: In devices with more than one CCP
module, it is very important to pay close
attention to the register names used. A
number placed after the module acronym
is used to distinguish between separate
modules. For example, the CCP1CON
and
CCP2CON
control
the
same
operational aspects of two completely
different CCP modules.
2: Throughout
this
section,
generic
references to a CCP module in any of its
operating modes may be interpreted as
being equally applicable to ECCP1,
ECCP2, ECCP3, CCP4 and CCP5.
Register names, module signals, I/O pins,
and bit names may use the generic
designator ‘x’ to indicate the use of a
numeral to distinguish a particular module,
when required.
TABLE 14-1:
PWM RESOURCES
Device Name
ECCP1
ECCP2
ECCP3
CCP4
CCP5
PIC18(L)F23K22
PIC18(L)F24K22
PIC18(L)F25K22
PIC18(L)F26K22
Enhanced PWM
Full-Bridge
Enhanced PWM
Half-Bridge
Enhanced PWM
Half-Bridge
Standard PWM
Standard PWM
(Special Event Trigger)
PIC18(L)F43K22
PIC18(L)F44K22
PIC18(L)F45K22
PIC18(L)F46K22
Enhanced PWM
Full-Bridge
Enhanced PWM
Full-Bridge
Enhanced PWM
Half-Bridge
Standard PWM
Standard PWM
(Special Event Trigger)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com