Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC18F23K22-E/SP Datasheet(PDF) 140 Page - Microchip Technology

Part # PIC18F23K22-E/SP
Description  28/40/44-Pin, Low-Power, High-Performance Microcontrollers with nanoWatt XLP Technology
PDF  492 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F23K22-E/SP Datasheet(HTML) 140 Page - Microchip Technology

Back Button PIC18F23K22-E/SP Datasheet HTML 136Page - Microchip Technology PIC18F23K22-E/SP Datasheet HTML 137Page - Microchip Technology PIC18F23K22-E/SP Datasheet HTML 138Page - Microchip Technology PIC18F23K22-E/SP Datasheet HTML 139Page - Microchip Technology PIC18F23K22-E/SP Datasheet HTML 140Page - Microchip Technology PIC18F23K22-E/SP Datasheet HTML 141Page - Microchip Technology PIC18F23K22-E/SP Datasheet HTML 142Page - Microchip Technology PIC18F23K22-E/SP Datasheet HTML 143Page - Microchip Technology PIC18F23K22-E/SP Datasheet HTML 144Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 140 / 492 page
background image
PIC18(L)F2X/4XK22
DS41412B-page 140
Preliminary
 2010 Microchip Technology Inc.
RB2/INT2/CTED1/
P1B/SDI2/SDA2/
AN8
RB2
01
O
DIG
LATB<2> data output; not affected by analog input.
10
I
ST
PORTB<2> data input; disabled when analog input
enabled.
INT2
10
I
ST
External interrupt 2.
CTED1
10
I
ST
CTMU Edge 1 input.
P1B(3)
01
O
DIG
Enhanced CCP1 PWM output 2.
SDI2(3)
10
I
ST
MSSP2 SPI data input.
SDA2(3)
00
ODIG
MSSP2 I2CTM data output.
10
II2C
MSSP2 I2CTM data input.
AN8
11
I
AN
Analog input 8.
RB3/CTED2/P2A/
CCP2/SDO2/
C12IN2-/AN9
RB3
01
O
DIG
LATB<3> data output; not affected by analog input.
10
I
ST
PORTB<3> data input; disabled when analog input
enabled.
CTED2
10
I
ST
CTMU Edge 2 input.
P2A
01
O
DIG
Enhanced CCP1 PWM output 1.
CCP2(2)
01
O
DIG
Compare 2 output/PWM 2 output.
10
I
ST
Capture 2 input.
SDO2(2)
01
O
DIG
MSSP2 SPI data output.
C12IN2-
11
I
AN
Comparators C1 and C2 inverting input.
AN9
11
I
AN
Analog input 9.
RB4/IOC0/P1D/
T5G/AN11
RB4
01
O
DIG
LATB<4> data output; not affected by analog input.
10
I
ST
PORTB<4> data input; disabled when analog input
enabled.
IOC0
10
I
TTL
Interrupt-on-change pin.
P1D
01
O
DIG
Enhanced CCP1 PWM output 4.
T5G
10
I
ST
Timer5 external clock gate input.
AN11
11
I
AN
Analog input 11.
RB5/IOC1/P2B/
P3A/CCP3/T3CKI/
T1G/AN13
RB5
01
O
DIG
LATB<5> data output; not affected by analog input.
10
I
ST
PORTB<5> data input; disabled when analog input
enabled.
IOC1
10
I
TTL
Interrupt-on-change pin 1.
P2B(1)(3)
01
O
DIG
Enhanced CCP2 PWM output 2.
P3A(1)
01
O
DIG
Enhanced CCP3 PWM output 1.
CCP3(1)
01
O
DIG
Compare 3 output/PWM 3 output.
10
I
ST
Capture 3 input.
T3CKI(2)
10
I
ST
Timer3 clock input.
T1G
10
I
ST
Timer1 external clock gate input.
AN13
11
I
AN
Analog input 13.
TABLE 10-5:
PORTB I/O SUMMARY (CONTINUED)
Pin
Function
TRIS
Setting
ANSEL
Setting
Pin
Type
Buffer
Type
Description
Legend:
AN = Analog input or output; TTL = TTL compatible input; HV = High Voltage; OD = Open Drain; XTAL = Crystal; CMOS =
CMOS compatible input or output; ST = Schmitt Trigger input with CMOS levels; I2CTM
= Schmitt Trigger input with I2C.
Note 1:
Default pin assignment for P2B, T3CKI, CCP3 and CCP2 when Configuration bits PB2MX, T3CMX, CCP3MX and
CCP2MX are set.
2:
Alternate pin assignment for P2B, T3CKI, CCP3 and CCP2 when Configuration bits PB2MX, T3CMX, CCP3MX and
CCP2MX are clear.
3:
Function on PORTD and PORTE for PIC18(L)F4XK22 devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com