Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC18LF23K22-E/ML Datasheet(PDF) 291 Page - Microchip Technology

Part # PIC18LF23K22-E/ML
Description  28/40/44-Pin, Low-Power, High-Performance Microcontrollers with nanoWatt XLP Technology
PDF  492 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18LF23K22-E/ML Datasheet(HTML) 291 Page - Microchip Technology

Back Button PIC18LF23K22-E/ML Datasheet HTML 287Page - Microchip Technology PIC18LF23K22-E/ML Datasheet HTML 288Page - Microchip Technology PIC18LF23K22-E/ML Datasheet HTML 289Page - Microchip Technology PIC18LF23K22-E/ML Datasheet HTML 290Page - Microchip Technology PIC18LF23K22-E/ML Datasheet HTML 291Page - Microchip Technology PIC18LF23K22-E/ML Datasheet HTML 292Page - Microchip Technology PIC18LF23K22-E/ML Datasheet HTML 293Page - Microchip Technology PIC18LF23K22-E/ML Datasheet HTML 294Page - Microchip Technology PIC18LF23K22-E/ML Datasheet HTML 295Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 291 / 492 page
background image
 2010 Microchip Technology Inc.
Preliminary
DS41412B-page 291
PIC18(L)F2X/4XK22
17.0 ANALOG-TO-DIGITAL
CONVERTER (ADC) MODULE
The
Analog-to-Digital
Converter
(ADC)
allows
conversion of an analog input signal to a 10-bit binary
representation of that signal. This device uses analog
inputs, which are multiplexed into a single sample and
hold circuit. The output of the sample and hold is
connected to the input of the converter. The converter
generates a 10-bit binary result via successive
approximation and stores the conversion result into the
ADC result registers (ADRESL and ADRESH).
The ADC voltage reference is software selectable to
either VDD or a voltage applied to the external reference
pins.
The ADC can generate an interrupt upon completion of
a conversion. This interrupt can be used to wake-up the
device from Sleep.
Figure 17-1 shows the block diagram of the ADC.
FIGURE 17-1:
ADC BLOCK DIAGRAM
Note: Additional ADC channels AN5-AN7 and AN20-AN27 are only available on PIC18(L)F4XK22 devices.
11111
11110
11101
11100
11011
FVR BUF2
CTMU
Reserved
AN28(1)
AN27(1)
00101
00100
AN5(1)
AN4
00011
00010
AN3
AN2
00001
00000
AN1
AN0
5
CHS<4:0>
10-Bit ADC
ADCMD
ADON
GO/DONE
10
0 = Left Justify
1 = Right Justify
ADFM
10
ADRESH
ADRESL
00
01
AVDD
10
11
FVR BUF2
Reserved
VREF+/AN3
2
PVCFG<1:0>
00
01
AVSS
10
11
Reserved
Reserved
VREF-/AN2
2
NVCFG<1:0>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com