Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC18LF23K22-E/ML Datasheet(PDF) 325 Page - Microchip Technology

Part # PIC18LF23K22-E/ML
Description  28/40/44-Pin, Low-Power, High-Performance Microcontrollers with nanoWatt XLP Technology
PDF  492 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18LF23K22-E/ML Datasheet(HTML) 325 Page - Microchip Technology

Back Button PIC18LF23K22-E/ML Datasheet HTML 321Page - Microchip Technology PIC18LF23K22-E/ML Datasheet HTML 322Page - Microchip Technology PIC18LF23K22-E/ML Datasheet HTML 323Page - Microchip Technology PIC18LF23K22-E/ML Datasheet HTML 324Page - Microchip Technology PIC18LF23K22-E/ML Datasheet HTML 325Page - Microchip Technology PIC18LF23K22-E/ML Datasheet HTML 326Page - Microchip Technology PIC18LF23K22-E/ML Datasheet HTML 327Page - Microchip Technology PIC18LF23K22-E/ML Datasheet HTML 328Page - Microchip Technology PIC18LF23K22-E/ML Datasheet HTML 329Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 325 / 492 page
background image
 2010 Microchip Technology Inc.
Preliminary
DS41412B-page 325
PIC18(L)F2X/4XK22
19.4
Measuring Capacitance with the
CTMU
There are two separate methods of measuring
capacitance with the CTMU. The first is the absolute
method, in which the actual capacitance value is
desired. The second is the relative method, in which
the actual capacitance is not needed, rather an
indication of a change in capacitance is required.
19.4.1
ABSOLUTE CAPACITANCE
MEASUREMENT
For absolute capacitance measurements, both the
current and capacitance calibration steps found in
Section 19.3 “Calibrating the CTMU Module”
should be followed. Capacitance measurements are
then performed using the following steps:
1.
Initialize the A/D Converter.
2.
Initialize the CTMU.
3.
Set EDG1STAT.
4.
Wait for a fixed delay, T.
5.
Clear EDG1STAT.
6.
Perform an A/D conversion.
7.
Calculate the total capacitance, CTOTAL = (I * T)/V,
where I is known from the current source
measurement step (see Section 19.3.1 “Current
Source Calibration”), T is a fixed delay and V is
measured by performing an A/D conversion.
8.
Subtract the stray and A/D capacitance
(COFFSET from Section 19.3.2 “Capacitance
Calibration”) from CTOTAL to determine the
measured capacitance.
19.4.2
RELATIVE CHARGE
MEASUREMENT
An application may not require precise capacitance
measurements. For example, when detecting a valid
press of a capacitance-based switch, detecting a rela-
tive change of capacitance is of interest. In this type of
application, when the switch is open (or not touched),
the total capacitance is the capacitance of the combina-
tion of the board traces, the A/D Converter, etc. A larger
voltage will be measured by the A/D Converter. When
the switch is closed (or is touched), the total
capacitance is larger due to the addition of the
capacitance of the human body to the above listed
capacitances, and a smaller voltage will be measured
by the A/D Converter.
Detecting capacitance changes is easily accomplished
with the CTMU using these steps:
1.
Initialize the A/D Converter and the CTMU.
2.
Set EDG1STAT.
3.
Wait for a fixed delay.
4.
Clear EDG1STAT.
5.
Perform an A/D conversion.
The voltage measured by performing the A/D
conversion is an indication of the relative capacitance.
Note that in this case, no calibration of the current
source or circuit capacitance measurement is needed.
See Example 19-4 for a sample software routine for a
capacitive touch switch.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com