Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC18LF23K22-E/ML Datasheet(PDF) 444 Page - Microchip Technology

Part # PIC18LF23K22-E/ML
Description  28/40/44-Pin, Low-Power, High-Performance Microcontrollers with nanoWatt XLP Technology
PDF  492 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18LF23K22-E/ML Datasheet(HTML) 444 Page - Microchip Technology

Back Button PIC18LF23K22-E/ML Datasheet HTML 440Page - Microchip Technology PIC18LF23K22-E/ML Datasheet HTML 441Page - Microchip Technology PIC18LF23K22-E/ML Datasheet HTML 442Page - Microchip Technology PIC18LF23K22-E/ML Datasheet HTML 443Page - Microchip Technology PIC18LF23K22-E/ML Datasheet HTML 444Page - Microchip Technology PIC18LF23K22-E/ML Datasheet HTML 445Page - Microchip Technology PIC18LF23K22-E/ML Datasheet HTML 446Page - Microchip Technology PIC18LF23K22-E/ML Datasheet HTML 447Page - Microchip Technology PIC18LF23K22-E/ML Datasheet HTML 448Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 444 / 492 page
background image
PIC18(L)F2X/4XK22
DS41412B-page 444
Preliminary
 2010 Microchip Technology Inc.
TABLE 27-7:
PLL CLOCK TIMING SPECIFICATIONS (VDD = 1.8V TO 5.5V)
Param.
No.
Sym
Characteristic
Min
Typ†
Max
Units
Conditions
F10
FOSC Oscillator Frequency Range
4
—
5
MHz VDD = 1.8-3.0V
4—
16
MHz VDD = 3.0-3.6V,
-40°C to +125°C
PIC18LF2X/4XK22
4—
16
MHz VDD = 3.0-5.5V,
-40°C to +125°C
PIC18F2X/4XK22
F11
FSYS
On-Chip VCO System Frequency
16
—
20
MHz VDD = 1.8-3.0V
16
—
64
MHz VDD = 3.0-3.6V,
-40°C to +125°C
PIC18LF2X/4XK22
16
—
64
MHz VDD = 3.0-5.5V,
-40°C to +125°C
PIC18F2X/4XK22
F12
trc
PLL Start-up Time (Lock Time)
—
—
2
ms
F13
CLK CLKOUT Stability (Jitter)
-2
—
+2
%
† Data in “Typ” column is at 3V, 25
C unless otherwise stated. These parameters are for design guidance
only and are not tested.
TABLE 27-8:
AC CHARACTERISTICS:INTERNAL OSCILLATORS ACCURACY PIC18(L)F46K22
PIC18(L)F46K22
Standard Operating Conditions (unless otherwise stated)
Operating temperature
-40°C
 TA  +125°C
Param.
No.
Min
Typ
Max
Units
Conditions
OA1
HFINTOSC Accuracy @ Freq = 16 MHz, 8 MHz, 4 MHz, 2 MHz, 1 MHz, 500 kHz, 250 kHz(1)
-2
0
+2
%
+0°C to +70°C
-3
—
+2
%
+70°C to +85°C
-5
—
+5
%
-40°C to 0°C and
+85°C to 125°C
OA2
LFINTOSC Accuracy @ Freq = 31 kHz
26.562
—
35.938
kHz
-40°C to +125°C
Legend: Shading of rows is to assist in readability of the table.
Note 1:
Frequency calibrated at 25°C. OSCTUNE register can be used to compensate for temperature drift.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com