Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC18LF23K22-E/ML Datasheet(PDF) 148 Page - Microchip Technology

Part # PIC18LF23K22-E/ML
Description  28/40/44-Pin, Low-Power, High-Performance Microcontrollers with nanoWatt XLP Technology
PDF  492 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18LF23K22-E/ML Datasheet(HTML) 148 Page - Microchip Technology

Back Button PIC18LF23K22-E/ML Datasheet HTML 144Page - Microchip Technology PIC18LF23K22-E/ML Datasheet HTML 145Page - Microchip Technology PIC18LF23K22-E/ML Datasheet HTML 146Page - Microchip Technology PIC18LF23K22-E/ML Datasheet HTML 147Page - Microchip Technology PIC18LF23K22-E/ML Datasheet HTML 148Page - Microchip Technology PIC18LF23K22-E/ML Datasheet HTML 149Page - Microchip Technology PIC18LF23K22-E/ML Datasheet HTML 150Page - Microchip Technology PIC18LF23K22-E/ML Datasheet HTML 151Page - Microchip Technology PIC18LF23K22-E/ML Datasheet HTML 152Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 148 / 492 page
background image
PIC18(L)F2X/4XK22
DS41412B-page 148
Preliminary
 2010 Microchip Technology Inc.
TABLE 10-13: CONFIGURATION REGISTERS ASSOCIATED WITH PORTD
Pin Name
Function
TRIS
Setting
ANSEL
setting
Pin
Type
Buffer
Type
Description
RD6/P1C/TX2/CK2/
AN26
RD6
01
O
DIG
LATD<6> data output; not affected by analog input.
10
I
ST
PORTD<6> data input; disabled when analog input
enabled.
P1C
01
O
DIG
Enhanced CCP1 PWM output 3.
TX2
01
O
DIG
EUSART 2 asynchronous transmit data output.
CK2
01
O
DIG
EUSART 2 synchronous serial clock output.
10
I
ST
EUSART 2 synchronous serial clock input.
AN26
11
I
AN
Analog input 26.
RD7/P1D/RX2/DT2/
AN27
RD7
01
O
DIG
LATD<7> data output; not affected by analog input.
10
I
ST
PORTD<7> data input; disabled when analog input
enabled.
P1D
01
O
DIG
Enhanced CCP1 PWM output 4.
RX2
10
I
ST
EUSART 2 asynchronous receive data in.
DT2
01
O
DIG
EUSART 2 synchronous serial data output.
10
I
ST
EUSART 2 synchronous serial data input.
AN27
11
I
AN
Analog input 27.
Legend:
AN = Analog input or output; TTL = TTL compatible input; HV = High Voltage; OD = Open Drain; XTAL = Crystal; CMOS
= CMOS compatible input or output; ST = Schmitt Trigger input with CMOS levels; I2CTM = Schmitt Trigger input with I2C.
Note 1:
Default pin assignment for P2B, T3CKI, CCP3 and CCP2 when Configuration bits PB2MX, T3CMX, CCP3MX and
CCP2MX are set.
TABLE 10-11: PORTD I/O SUMMARY
TABLE 10-12: REGISTERS ASSOCIATED WITH PORTD
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Register on
Page
ANSELD(1)
ANSD7
ANSD6
ANSD5
ANSD4
ANSD3
ANSD2
ANSD1
ANSD0
153
BAUDCON2
ABDOVF RCIDL
DTRXP
CKTXP
BRG16
—
WUE
ABDEN
274
CCP1CON
P1M<1:0>
DC1B<1:0>
CCP1M<3:0>
201
CCP2CON
P2M<1:0>
DC2B<1:0>
CCP2M<3:0>
201
CCP4CON
—
—
DC4B<1:0>
CCP4M<3:0>
201
LATD(1)
LATD7
LATD6
LATD5
LATD4
LATD3
LATD2
LATD1
LATD0
155
PORTD(1)
RD7
RD6
RD5
RD4
RD3
RD2
RD1
RD0
151
RCSTA2
SPEN
RX9
SREN
CREN
ADDEN
FERR
OERR
RX9D
273
SLRCON(1)
—
—
—
SLRE
SLRD
SLRC
SLRB
SLRA
156
SSP2CON1
WCOL
SSPOV SSPEN
CKP
SSPM<3:0>
256
TRISD(1)
TRISD7 TRISD6 TRISD5
TRISD4
TRISD3
TRISD2
TRISD1
TRISD0
154
Legend: — = unimplemented locations, read as ‘0’. Shaded bits are not used for PORTD.
Note 1:
Available on PIC18(L)F4XK22 devices.
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Register
on Page
CONFIG3H MCLRE
—
P2BMX
T3CMX
HFOFST
CCP3MX PBADEN CCP2MX
354
Legend: — = unimplemented locations, read as ‘0’. Shaded bits are not used for PORTD.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com