Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC18LF23K22-E/ML Datasheet(PDF) 185 Page - Microchip Technology

Part # PIC18LF23K22-E/ML
Description  28/40/44-Pin, Low-Power, High-Performance Microcontrollers with nanoWatt XLP Technology
PDF  492 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18LF23K22-E/ML Datasheet(HTML) 185 Page - Microchip Technology

Back Button PIC18LF23K22-E/ML Datasheet HTML 181Page - Microchip Technology PIC18LF23K22-E/ML Datasheet HTML 182Page - Microchip Technology PIC18LF23K22-E/ML Datasheet HTML 183Page - Microchip Technology PIC18LF23K22-E/ML Datasheet HTML 184Page - Microchip Technology PIC18LF23K22-E/ML Datasheet HTML 185Page - Microchip Technology PIC18LF23K22-E/ML Datasheet HTML 186Page - Microchip Technology PIC18LF23K22-E/ML Datasheet HTML 187Page - Microchip Technology PIC18LF23K22-E/ML Datasheet HTML 188Page - Microchip Technology PIC18LF23K22-E/ML Datasheet HTML 189Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 185 / 492 page
background image
 2010 Microchip Technology Inc.
Preliminary
DS41412B-page 185
PIC18(L)F2X/4XK22
6.
Configure and start the 8-bit TimerX resource:
• Clear the TMRxIF interrupt flag bit of the
PIR2 or PIR4 register. See Note 1 below.
• Configure the TxCKPS bits of the TxCON
register with the Timer prescale value.
• Enable the Timer by setting the TMRxON
bit of the TxCON register.
7.
Enable PWM output pin:
• Wait until the Timer overflows and the
TMRxIF bit of the PIR2 or PIR4 register is
set. See Note 1 below.
• Enable the CCPx pin output driver by
clearing the associated TRIS bit.
14.3.3
PWM TIMER RESOURCE
The PWM standard mode makes use of one of the 8-bit
Timer2/4/6 timer resources to specify the PWM period.
Configuring the CxTSEL<1:0> bits in the CCPTMRS0
or CCPTMRS1 register selects which Timer2/4/6 timer
is used.
14.3.4
PWM PERIOD
The PWM period is specified by the PRx register of 8-bit
TimerX. The PWM period can be calculated using the
formula of Equation 14-1.
EQUATION 14-1:
PWM PERIOD
When TMRx is equal to PRx, the following three events
occur on the next increment cycle:
• TMRx is cleared
• The CCPx pin is set. (Exception: If the PWM duty
cycle = 0%, the pin will not be set.)
• The PWM duty cycle is latched from CCPRxL into
CCPRxH.
14.3.5
PWM DUTY CYCLE
The PWM duty cycle is specified by writing a 10-bit
value to multiple registers: CCPRxL register and
DCxB<1:0> bits of the CCPxCON register. The
CCPRxL contains the eight MSbs and the DCxB<1:0>
bits of the CCPxCON register contain the two LSbs.
CCPRxL and DCxB<1:0> bits of the CCPxCON
register can be written to at any time. The duty cycle
value is not latched into CCPRxH until after the period
completes (i.e., a match between PRx and TMRx
registers occurs). While using the PWM, the CCPRxH
register is read-only.
Equation 14-2 is used to calculate the PWM pulse
width.
Equation 14-3 is used to calculate the PWM duty cycle
ratio.
EQUATION 14-2:
PULSE WIDTH
EQUATION 14-3:
DUTY CYCLE RATIO
The CCPRxH register and a 2-bit internal latch are
used to double buffer the PWM duty cycle. This double
buffering is essential for glitchless PWM operation.
The 8-bit timer TMRx register is concatenated with either
the 2-bit internal system clock (FOSC), or 2 bits of the
prescaler, to create the 10-bit time base. The system
clock is used if the TimerX prescaler is set to 1:1.
When the 10-bit time base matches the CCPRxH and
2-bit latch, then the CCPx pin is cleared (see
Figure 14-4).
Note 1: In order to send a complete duty cycle
and period on the first PWM output, the
above steps must be included in the
setup sequence. If it is not critical to start
with a complete PWM signal on the first
output, then step 6 may be ignored.
Note:
The Timer postscaler (see Section 13.0
“Timer2/4/6 Module”) is not used in the
determination of the PWM frequency.
PWM Period
PRx
 1
+
 4TOSC
=
(TMRx Prescale Value)
Note 1: TOSC = 1/FOSC
Pulse Width
CCPRxL:CCPxCON<5:4>

=
TOSC
(TMRx Prescale Value)
Duty Cycle Ratio
CCPRxL:CCPxCON<5:4>

4 PRx
1
+

-----------------------------------------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com