Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD5427EFS Datasheet(PDF) 11 Page - Rohm

Part # BD5427EFS
Description  Analog Input / BTL Output Class-D Speaker Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD5427EFS Datasheet(HTML) 11 Page - Rohm

Back Button BD5427EFS_10 Datasheet HTML 7Page - Rohm BD5427EFS_10 Datasheet HTML 8Page - Rohm BD5427EFS_10 Datasheet HTML 9Page - Rohm BD5427EFS_10 Datasheet HTML 10Page - Rohm BD5427EFS_10 Datasheet HTML 11Page - Rohm BD5427EFS_10 Datasheet HTML 12Page - Rohm BD5427EFS_10 Datasheet HTML 13Page - Rohm BD5427EFS_10 Datasheet HTML 14Page - Rohm BD5427EFS_10 Datasheet HTML 15Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
Technical Note
11/15
BD5427EFS
www.rohm.com
2010.05 - Rev.B
© 2010 ROHM Co., Ltd. All rights reserved.
Explanation of Pin Functions - continued
No.
Symbol
Pin voltage
Pin description
Internal equalizing circuit
28
BSP2N
-
ch2 negative bootstrap pin
Connect a capacitor.
39
29,30
28
31,32
33,34
33,34
35,36
37,38
29, 30
VCCP2N
Vcc
ch2 negative power system power supply pin
31, 32
OUT2N
Vcc to 0V
ch2 negative PWM signal output pin
Connect an output LPF.
33, 34
GNDP2
0V
ch2 power system GND pin
35, 36
OUT2P
Vcc to 0V
ch2 positive PWM signal output pin
Connect an output LPF.
37, 38
VCCP2P
Vcc
ch2 positive power system power supply pin
39
BSP2P
-
ch2 positive bootstrap pin
Connect a capacitor.
40
VCCA
Vcc
Analog system power pin
41
FILP
Vcc+35
12
PWM system bias pin
Connect a capacitor.
40
43
41
42
FILA
3.5V
Analog signal system bias pin
Connect a capacitor.
40
43
42
43
GNDA
0V
Analog system power supply pin


Similar Part No. - BD5427EFS_10

ManufacturerPart #DatasheetDescription
logo
Rohm
BD5427EFS ROHM-BD5427EFS Datasheet
434Kb / 16P
   7W7W Class-D Speaker Amplifier for Analog Input
More results

Similar Description - BD5427EFS_10

ManufacturerPart #DatasheetDescription
logo
Rohm
BD5427MUV ROHM-BD5427MUV_10 Datasheet
412Kb / 16P
   Analog Input / BTL Output Class-D Speaker Amplifier
BD5423AEFS ROHM-BD5423AEFS_10 Datasheet
612Kb / 18P
   Analog Input / BTL Output Class-D Speaker Amplifier
BD5424EFS ROHM-BD5424EFS_10 Datasheet
565Kb / 18P
   Analog Input/BTL Output Class-D Speaker Amplifier
BD5426MUV ROHM-BD5426MUV_10 Datasheet
454Kb / 16P
   Analog Input / BTL Output Class-D Speaker Amplifier
BD5413EFV ROHM-BD5413EFV_10 Datasheet
591Kb / 15P
   Analog Input / BTL Output Class-D Speaker Amplifier
BD5423MUV ROHM-BD5423MUV_10 Datasheet
591Kb / 17P
   Analog Input / BTL Output Class-D Speaker Amplifier
BD5426EFS ROHM-BD5426EFS_10 Datasheet
529Kb / 17P
   Analog Input / BTL Output Class-D Speaker Amplifier
BD5445EFV ROHM-BD5445EFV Datasheet
748Kb / 32P
   Analog Input / Single End Output Class-D Speaker Amplifier
BD5444EFV ROHM-BD5444EFV Datasheet
833Kb / 32P
   Analog Input / Single End Output Class-D Speaker Amplifier
BD5471MUV ROHM-BD5471MUV_10 Datasheet
530Kb / 22P
   Analog Input Stereo Class-D Speaker Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com