Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD5427EFS Datasheet(PDF) 12 Page - Rohm

Part # BD5427EFS
Description  Analog Input / BTL Output Class-D Speaker Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD5427EFS Datasheet(HTML) 12 Page - Rohm

Back Button BD5427EFS_10 Datasheet HTML 8Page - Rohm BD5427EFS_10 Datasheet HTML 9Page - Rohm BD5427EFS_10 Datasheet HTML 10Page - Rohm BD5427EFS_10 Datasheet HTML 11Page - Rohm BD5427EFS_10 Datasheet HTML 12Page - Rohm BD5427EFS_10 Datasheet HTML 13Page - Rohm BD5427EFS_10 Datasheet HTML 14Page - Rohm BD5427EFS_10 Datasheet HTML 15Page - Rohm BD5427EFS_10 Datasheet HTML 16Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
Technical Note
12/15
BD5427EFS
www.rohm.com
2010.05 - Rev.B
© 2010 ROHM Co., Ltd. All rights reserved.
Application Circuit Diagram
Vcc=10V to 16.5V
GNDA
V CCA
DRI VER
1P
DRI VER
1N
DRI VER
2P
DRI VER
2N
C6
C17
C9
C13
C8
C10
C39
C28
C35
C31
C38
C32
C42
C40
C43
C37
C29
C7
C15
GNDD
C41
Fig. 24
Circuit Diagram of Stereo Operation with 8Ω Load


Similar Part No. - BD5427EFS_10

ManufacturerPart #DatasheetDescription
logo
Rohm
BD5427EFS ROHM-BD5427EFS Datasheet
434Kb / 16P
   7W7W Class-D Speaker Amplifier for Analog Input
More results

Similar Description - BD5427EFS_10

ManufacturerPart #DatasheetDescription
logo
Rohm
BD5427MUV ROHM-BD5427MUV_10 Datasheet
412Kb / 16P
   Analog Input / BTL Output Class-D Speaker Amplifier
BD5423AEFS ROHM-BD5423AEFS_10 Datasheet
612Kb / 18P
   Analog Input / BTL Output Class-D Speaker Amplifier
BD5424EFS ROHM-BD5424EFS_10 Datasheet
565Kb / 18P
   Analog Input/BTL Output Class-D Speaker Amplifier
BD5426MUV ROHM-BD5426MUV_10 Datasheet
454Kb / 16P
   Analog Input / BTL Output Class-D Speaker Amplifier
BD5413EFV ROHM-BD5413EFV_10 Datasheet
591Kb / 15P
   Analog Input / BTL Output Class-D Speaker Amplifier
BD5423MUV ROHM-BD5423MUV_10 Datasheet
591Kb / 17P
   Analog Input / BTL Output Class-D Speaker Amplifier
BD5426EFS ROHM-BD5426EFS_10 Datasheet
529Kb / 17P
   Analog Input / BTL Output Class-D Speaker Amplifier
BD5445EFV ROHM-BD5445EFV Datasheet
748Kb / 32P
   Analog Input / Single End Output Class-D Speaker Amplifier
BD5444EFV ROHM-BD5444EFV Datasheet
833Kb / 32P
   Analog Input / Single End Output Class-D Speaker Amplifier
BD5471MUV ROHM-BD5471MUV_10 Datasheet
530Kb / 22P
   Analog Input Stereo Class-D Speaker Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com