Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD5427EFS Datasheet(PDF) 13 Page - Rohm

Part # BD5427EFS
Description  Analog Input / BTL Output Class-D Speaker Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD5427EFS Datasheet(HTML) 13 Page - Rohm

Back Button BD5427EFS_10 Datasheet HTML 8Page - Rohm BD5427EFS_10 Datasheet HTML 9Page - Rohm BD5427EFS_10 Datasheet HTML 10Page - Rohm BD5427EFS_10 Datasheet HTML 11Page - Rohm BD5427EFS_10 Datasheet HTML 12Page - Rohm BD5427EFS_10 Datasheet HTML 13Page - Rohm BD5427EFS_10 Datasheet HTML 14Page - Rohm BD5427EFS_10 Datasheet HTML 15Page - Rohm BD5427EFS_10 Datasheet HTML 16Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
Technical Note
13/15
BD5427EFS
www.rohm.com
2010.05 - Rev.B
© 2010 ROHM Co., Ltd. All rights reserved.
able 1 BOM List of Stereo Operation with 8Ω Load
No. Item
Part Number
Vendor
Configuration
Value
Rated
voltage
Tolerance
Temperature
characteristics
Quantity
Reference
mm
inch
1
IC BD5427EFS
ROHM
HTSSOP-A44
-
-
-
-
1
IC1
2
C
GRM219B31E684KA88D MURATA 2012 0805
0.68µF
25V
±10%
±10%
4
C6, C17, C28, C39
3
C
GRM188R11H104KA93
MURATA 1608 0603
0.1µF
50V
±10%
±10%
5
C7, C15, C29, C37, C40
4
C
GRM21BB11H104KA01
MURATA 2012 0805
0.1µF
50V
±10%
±10%
4
C9, C13, C31, C35
5
C
25ST225M3216
Rubycon 3225 1210
2.2µF
25V
±20%
±5%
2
C1, C44
6
C
50ST474M3225
Rubycon 3225 1210
0.47µF
50V
±20%
±5%
2
C10, C32
7
C
GRM21BB31E335KA75
MURATA 2012 0805
3.3µF
25V
±10%
±10%
1
C27
8
C
GRM188B11E104KA
MURATA 1608 0603
0.1µF
25V
±10%
±10%
2
C23, C26
9
C
GRM21BB11C105KA
MURATA 2012 0805
1µF
16V
±10%
±10%
1
C41
10
C
GRM21BB31C106KE15
MURATA 2012 0805
10µF
16V
±10%
±10%
1
C42
11
C
25SVPD10M
SANYO
6666 2626
10µF
25V
±20%
±25%
3
C8, C38, C43
12
R
MCR01MZPF1003
ROHM
1005 0402
100kΩ
50V
±1%
±200ppm/℃
2
R18, R19
No. Item
Part Number
Vendor
Configuration
Value
Tolerance
DC
Resistance
Rated
DC Current
Quantity
Reference
mm
13
L
7G09B-330M
SAGAMI
10×9×10
33µH×2
±20%
52mΩmax.
2.0A max.
2
L9, L13, L31, L35


Similar Part No. - BD5427EFS_10

ManufacturerPart #DatasheetDescription
logo
Rohm
BD5427EFS ROHM-BD5427EFS Datasheet
434Kb / 16P
7W7W Class-D Speaker Amplifier for Analog Input
More results

Similar Description - BD5427EFS_10

ManufacturerPart #DatasheetDescription
logo
Rohm
BD5413EFV ROHM-BD5413EFV_10 Datasheet
591Kb / 15P
Analog Input / BTL Output Class-D Speaker Amplifier
BD5423AEFS ROHM-BD5423AEFS_10 Datasheet
612Kb / 18P
Analog Input / BTL Output Class-D Speaker Amplifier
BD5423MUV ROHM-BD5423MUV_10 Datasheet
591Kb / 17P
Analog Input / BTL Output Class-D Speaker Amplifier
BD5424EFS ROHM-BD5424EFS_10 Datasheet
565Kb / 18P
Analog Input/BTL Output Class-D Speaker Amplifier
BD5426MUV ROHM-BD5426MUV_10 Datasheet
454Kb / 16P
Analog Input / BTL Output Class-D Speaker Amplifier
BD5427MUV ROHM-BD5427MUV_10 Datasheet
412Kb / 16P
Analog Input / BTL Output Class-D Speaker Amplifier
BD5444EFV ROHM-BD5444EFV Datasheet
833Kb / 32P
Analog Input / Single End Output Class-D Speaker Amplifier
BD5471MUV ROHM-BD5471MUV_10 Datasheet
530Kb / 22P
Analog Input Stereo Class-D Speaker Amplifier
BD5426EFS ROHM-BD5426EFS_10 Datasheet
529Kb / 17P
Analog Input / BTL Output Class-D Speaker Amplifier
BD5445EFV ROHM-BD5445EFV Datasheet
748Kb / 32P
Analog Input / Single End Output Class-D Speaker Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com