Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST72F324J2T3 Datasheet(PDF) 133 Page - STMicroelectronics

Part # ST72F324J2T3
Description  5V RANGE 8-BIT MCU WITH 8 TO 32K FLASH,10-BIT ADC, 4 TIMERS,SPI,SCI INTERFACE
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72F324J2T3 Datasheet(HTML) 133 Page - STMicroelectronics

Back Button ST72F324J2T3 Datasheet HTML 129Page - STMicroelectronics ST72F324J2T3 Datasheet HTML 130Page - STMicroelectronics ST72F324J2T3 Datasheet HTML 131Page - STMicroelectronics ST72F324J2T3 Datasheet HTML 132Page - STMicroelectronics ST72F324J2T3 Datasheet HTML 133Page - STMicroelectronics ST72F324J2T3 Datasheet HTML 134Page - STMicroelectronics ST72F324J2T3 Datasheet HTML 135Page - STMicroelectronics ST72F324J2T3 Datasheet HTML 136Page - STMicroelectronics ST72F324J2T3 Datasheet HTML 137Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 133 / 164 page
background image
ST72324Jx ST72324Kx
133/164
12.9 I/O PORT PIN CHARACTERISTICS
12.9.1 General Characteristics
Subject to general operating conditions for VDD, fOSC, and TA unless otherwise specified.
Notes:
1. Data based on characterization results, not tested in production.
2. Hysteresis voltage between Schmitt trigger switching levels. Based on characterization results, not tested.
3. When the current limitation is not possible, the VIN maximum must be respected, otherwise refer to IINJ(PIN) specifica-
tion. A positive injection is induced by VIN>VDD while a negative injection is induced by VIN<VSS. Refer to Section 12.2.2
on page 117 for more details.
4. Configuration not recommended, all unused pins must be kept at a fixed voltage: using the output mode of the I/O for
example and leaving the I/O unconnected on the board or an external pull-up or pull-down resistor (see Figure 69). Data
based on design simulation and/or technology characteristics, not tested in production.
5. The RPU pull-up equivalent resistor is based on a resistive transistor (corresponding IPU current characteristics de-
scribed in Figure 70).
6. To generate an external interrupt, a minimum pulse width has to be applied on an I/O port pin configured as an external
interrupt source.
Figure 69. Unused I/O Pins configured as input
Figure 70. Typical IPU vs. VDD with VIN=VSS
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VIL
Input low level voltage (standard voltage
devices)1)
0.3xVDD
V
VIH
Input high level voltage 1)
0.7xVDD
V
Vhys
Schmitt trigger voltage hysteresis 2)
0.7
IINJ(PIN)
3)
Injected Current on Flash device pin PB0
VDD=5V
0+4
mA
Injected Current on other I/O pins
±4
ΣIINJ(PIN)3)
Total injected current (sum of all I/O and
control pins)
±25
Ilkg
Input leakage current
VSS ≤ VIN ≤ VDD
±1
µA
IS
Static current consumption induced by each
floating input pin
Floating input mode4)
200
RPU
Weak pull-up equivalent resistor 5)
VIN=VSS
VDD=5V
50
120
250
k
Ω
CIO
I/O pin capacitance
5
pF
tf(IO)out
Output high to low level fall time 1)
CL=50pF
Between 10% and
90%
25
ns
tr(IO)out
Output low to high level rise time 1)
25
tw(IT)in
External interrupt pulse time 6)
1tCPU
10k
Ω
UNUSED I/O PORT
ST7XXX
10k
Ω
UNUSED I/O PORT
ST7XXX
VDD
Note: I/O can be left unconnected if it is configured as output
greater EMC robustness and lower cost.
(0 or 1) by the software. This has the advantage of
0
10
20
30
40
50
60
70
80
90
22 .5
33 .5
4
4 .5
5
5 .5
6
Vd d (V)
T a = 1 40° C
Ta = 9 5 ° C
Ta = 2 5 ° C
Ta = -4 5 ° C
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com