Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST72F324J4T3 Datasheet(PDF) 119 Page - STMicroelectronics

Part # ST72F324J4T3
Description  5V RANGE 8-BIT MCU WITH 8 TO 32K FLASH,10-BIT ADC, 4 TIMERS,SPI,SCI INTERFACE
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72F324J4T3 Datasheet(HTML) 119 Page - STMicroelectronics

Back Button ST72F324J4T3 Datasheet HTML 115Page - STMicroelectronics ST72F324J4T3 Datasheet HTML 116Page - STMicroelectronics ST72F324J4T3 Datasheet HTML 117Page - STMicroelectronics ST72F324J4T3 Datasheet HTML 118Page - STMicroelectronics ST72F324J4T3 Datasheet HTML 119Page - STMicroelectronics ST72F324J4T3 Datasheet HTML 120Page - STMicroelectronics ST72F324J4T3 Datasheet HTML 121Page - STMicroelectronics ST72F324J4T3 Datasheet HTML 122Page - STMicroelectronics ST72F324J4T3 Datasheet HTML 123Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 164 page
background image
ST72324Jx ST72324Kx
119/164
OPERATING CONDITIONS (Cont’d)
12.4 LVD/AVD CHARACTERISTICS
12.4.1 Operating Conditions with Low Voltage Detector (LVD)
Subject to general operating conditions for TA
Notes:
1. Data based on characterization results, not tested in production.
2. If the medium or low thresholds are selected, the detection may occur outside the specified operating voltage range.
12.4.2 Auxiliary Voltage Detector (AVD) Thresholds
Subject to general operating conditions for TA
1. Data based on characterization results not tested in production.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VIT+(LVD)
Reset release threshold
(VDD rise)
VD level = High in option byte
4.0 1)
4.2
4.5
V
VD level = Med. in option byte2) 3.55 1)
3.75
4.01)
VD level = Low in option byte2)
2.95 1)
3.15
3.351)
VIT-(LVD)
Reset generation threshold
(VDD fall)
VD level = High in option byte
3.8
4.0
4.25 1)
VD level = Med. in option byte2) 3.351)
3.55
3.751)
VD level = Low in option byte2)
2.81)
3.0
3.15 1)
Vhys(LVD)
LVD voltage threshold hysteresis 1)
VIT+(LVD)-VIT-(LVD)
150
200
250
mV
VtPOR
VDD rise time
1)
6
µs/V
100ms/V
tg(VDD)
Filtered glitch delay on VDD
1)
Not detected by the LVD
40
ns
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VIT+(AVD)
1
⇒0 AVDF flag toggle threshold
(VDD rise)
VD level = High in option byte
4.4 1)
4.6
4.9
V
VD level = Med. in option byte
VD level = Low in option byte
3.95 1)
3.4 1)
4.15
3.6
4.41)
3.81)
VIT-(AVD)
0
⇒1 AVDF flag toggle threshold
(VDD fall)
VD level = High in option byte
4.2
4.4
4.65 1)
VD level = Med. in option byte
VD level = Low in option byte
3.751)
3.21)
4.0
3.4
4.2 1)
3.6 1)
Vhys(AVD)
AVD voltage threshold hysteresis
VIT+(AVD)-VIT-(AVD)
200
mV
∆VIT-
Voltage drop between AVD flag set
and LVD reset activated
VIT-(AVD)-VIT-(LVD)
450
mV
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com