| Electronic Components Datasheet Search |
|
SC312XDP512F0CFVR Datasheet(PDF) 358 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
SC312XDP512F0CFVR Datasheet(HTML) 358 Page - Freescale Semiconductor, Inc |
|
358 / 1348 page ![]() Chapter 7 Enhanced Capture Timer (S12ECT16B8CV2) MC9S12XDP512 Data Sheet, Rev. 2.21 358 Freescale Semiconductor If the corresponding NOVWx bit of the ICOVW register is set, the capture register or its holding register cannot be written by an event unless they are empty (see Section 7.4.1.1, “IC Channels”). This will prevent the captured value from being overwritten until it is read or latched in the holding register. 2. IC Queue Mode (LATQ = 0) The main timer value is memorized in the IC register by a valid input pin transition (see Figure 7-67 and Figure 7-68). If the corresponding NOVWx bit of the ICOVW register is cleared, with a new occurrence of a capture, the value of the IC register will be transferred to its holding register and the IC register memorizes the new timer value. If the corresponding NOVWx bit of the ICOVW register is set, the capture register or its holding register cannot be written by an event unless they are empty (see Section 7.4.1.1, “IC Channels”). In queue mode, reads of the holding register will latch the corresponding pulse accumulator value to its holding register. 7.4.1.1.3 Delayed IC Channels There are four delay counters in this module associated with IC channels 0–3. The use of this feature is explained in the diagram and notes below. Figure 7-72. Channel Input Validity with Delay Counter Feature In Figure 7-72 a delay counter value of 256 bus cycles is considered. 1. Input pulses with a duration of (DLY_CNT – 1) cycles or shorter are rejected. 2. Input pulses with a duration between (DLY_CNT – 1) and DLY_CNT cycles may be rejected or accepted, depending on their relative alignment with the sample points. 3. Input pulses with a duration between (DLY_CNT – 1) and DLY_CNT cycles may be rejected or accepted, depending on their relative alignment with the sample points. 4. Input pulses with a duration of DLY_CNT or longer are accepted. 1 2 3 253 254 255 256 BUS CLOCK DLY_CNT INPUT ON CH0–3 Rejected Accepted INPUT ON CH0–3 INPUT ON CH0–3 Accepted INPUT ON CH0–3 Rejected 0 255 Cycles 255.5 Cycles 255.5 Cycles 256 Cycles |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |