| Electronic Components Datasheet Search |
|
SC312XDP512F0CFVR Datasheet(PDF) 114 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
SC312XDP512F0CFVR Datasheet(HTML) 114 Page - Freescale Semiconductor, Inc |
|
114 / 1348 page ![]() Chapter 2 Clocks and Reset Generator (S12CRGV6) MC9S12XDP512 Data Sheet, Rev. 2.21 114 Freescale Semiconductor NOTE External circuitry connected to the RESET pin should not include a large capacitance that would interfere with the ability of this signal to rise to a valid logic 1 within 64 SYSCLK cycles after the low drive is released. The internal reset of the MCU remains asserted while the reset generator completes the 192 SYSCLK long reset sequence. The reset generator circuitry always makes sure the internal reset is deasserted synchronously after completion of the 192 SYSCLK cycles. In case the RESET pin is externally driven low for more than these 192 SYSCLK cycles (external reset), the internal reset remains asserted too. Figure 2-25. RESET Timing Table 2-15. Reset Vector Selection Sampled RESET Pin (64 cycles after release) Clock Monitor Reset Pending COP Reset Pending Vector Fetch 1 0 0 POR / LVR / Illegal Address Reset / External Reset 1 1 X Clock Monitor Reset 1 0 1 COP Reset 0 X X POR / LVR / Illegal Address Reset / External Reset with rise of RESET pin ) ( ) ( ) ( ) SYSCLK 128 + n cycles 64 cycles With n being min 3 / max 6 cycles depending on internal synchronization delay CRG drives RESET pin low Possibly SYSCLK not running Possibly RESET driven low externally ) ( ( RESET RESET pin released |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |