Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC312XDP512F0CFVR Datasheet(PDF) 312 Page - Freescale Semiconductor, Inc

Part # PC312XDP512F0CFVR
Description  HCS12X Microcontrollers
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC312XDP512F0CFVR Datasheet(HTML) 312 Page - Freescale Semiconductor, Inc

Back Button PC312XDP512F0CFVR Datasheet HTML 308Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 309Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 310Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 311Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 312Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 313Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 314Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 315Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 316Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 312 / 1348 page
background image
Chapter 7 Enhanced Capture Timer (S12ECT16B8CV2)
MC9S12XDP512 Data Sheet, Rev. 2.21
312
Freescale Semiconductor
7.3
Memory Map and Register Definition
This section provides a detailed description of all memory and registers.
7.3.1
Module Memory Map
The memory map for the ECT module is given below in Table 7-1. The address listed for each register is
the address offset. The total address for each register is the sum of the base address for the ECT module
and the address offset for each register.
Table 7-1. ECT Memory Map
Address
Offset
Register
Access
0x0000
Timer Input Capture/Output Compare Select (TIOS)
R/W
0x0001
Timer Compare Force Register (CFORC)
R/W1
0x0002
Output Compare 7 Mask Register (OC7M)
R/W
0x0003
Output Compare 7 Data Register (OC7D)
R/W
0x0004
Timer Count Register High (TCNT)
R/W2
0x0005
Timer Count Register Low (TCNT)
R/W2
0x0006
Timer System Control Register 1 (TSCR1)
R/W
0x0007
Timer Toggle Overflow Register (TTOV)
R/W
0x0008
Timer Control Register 1 (TCTL1)
R/W
0x0009
Timer Control Register 2 (TCTL2)
R/W
0x000A
Timer Control Register 3 (TCTL3)
R/W
0x000B
Timer Control Register 4 (TCTL4)
R/W
0x000C
Timer Interrupt Enable Register (TIE)
R/W
0x000D
Timer System Control Register 2 (TSCR2)
R/W
0x000E
Main Timer Interrupt Flag 1 (TFLG1)
R/W
0x000F
Main Timer Interrupt Flag 2 (TFLG2)
R/W
0x0010
Timer Input Capture/Output Compare Register 0 High (TC0)
R/W3
0x0011
Timer Input Capture/Output Compare Register 0 Low (TC0)
R/W3
0x0012
Timer Input Capture/Output Compare Register 1 High (TC1)
R/W3
0x0013
Timer Input Capture/Output Compare Register 1 Low (TC1)
R/W3
0x0014
Timer Input Capture/Output Compare Register 2 High (TC2)
R/W3
0x0015
Timer Input Capture/Output Compare Register 2 Low (TC2)
R/W3
0x0016
Timer Input Capture/Output Compare Register 3 High (TC3)
R/W3
0x0017
Timer Input Capture/Output Compare Register 3 Low (TC3)
R/W3
0x0018
Timer Input Capture/Output Compare Register 4 High (TC4)
R/W3
0x0019
Timer Input Capture/Output Compare Register 4 Low (TC4)
R/W3
0x001A
Timer Input Capture/Output Compare Register 5 High (TC5)
R/W3
0x001B
Timer Input Capture/Output Compare Register 5 Low (TC5)
R/W3
0x001C
Timer Input Capture/Output Compare Register 6 High (TC6)
R/W3
0x001D
Timer Input Capture/Output Compare Register 6 Low (TC6)
R/W3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com