Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC312XDP512F0CFVR Datasheet(PDF) 813 Page - Freescale Semiconductor, Inc

Part # PC312XDP512F0CFVR
Description  HCS12X Microcontrollers
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC312XDP512F0CFVR Datasheet(HTML) 813 Page - Freescale Semiconductor, Inc

Back Button PC312XDP512F0CFVR Datasheet HTML 809Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 810Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 811Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 812Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 813Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 814Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 815Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 816Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 817Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 813 / 1348 page
background image
Chapter 22 DP512 Port Integration Module (S12XDP512PIMV2)
MC9S12XDP512 Data Sheet, Rev. 2.21
Freescale Semiconductor
815
H
PH7
SS2
I/O
Serial Peripheral Interface 2 slave select output in master
mode, input for slave mode or master mode
GPIO
TXD5
O
Serial Communication Interface 5 transmit pin
GPIO/KWH7
I/O
General-purpose I/O with interrupt
PH6
SCK2
I/O
Serial Peripheral Interface 2 serial clock pin
RXD5
I
Serial Communication Interface 5 receive pin
GPIO/KWH6
I/O
General-purpose I/O with interrupt
PH5
MOSI2
I/O
Serial Peripheral Interface 2 master out/slave in pin
TXD4
O
Serial Communication Interface 4 transmit pin
GPIO/KWH5
I/O
General-purpose I/O with interrupt
PH4
MISO2
I/O
Serial Peripheral Interface 2 master in/slave out pin
RXD4
I
Serial Communication Interface 4 receive pin
GPIO/KWH4
I/O
General-purpose I/O with interrupt
PH3
SS1
I/O
Serial Peripheral Interface 1 slave select output in master
mode, input for slave mode or master mode.
GPIO/KWH3
I/O
General-purpose I/O with interrupt
PH2
SCK1
I/O
Serial Peripheral Interface 1 serial clock pin
GPIO/KWH2
I/O
General-purpose I/O with interrupt
PH1
MOSI1
I/O
Serial Peripheral Interface 1 master out/slave in pin
GPIO/KWH1
I/O
General-purpose I/O with interrupt
PH0
MISO1
I/O
Serial Peripheral Interface 1 master in/slave out pin
GPIO/KWH0
I/O
General-purpose I/O with interrupt
Table 22-1. Pin Functions and Priorities (Sheet 6 of 7)
Port
Pin Name
Pin Function
and Priority
I/O
Description
Pin Function
after Reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com