Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XIO2001 Datasheet(PDF) 120 Page - Texas Instruments

Click here to check the latest version.
Part # XIO2001
Description  PCI Express??to PCI Bus Translation Bridge
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

XIO2001 Datasheet(HTML) 120 Page - Texas Instruments

Back Button XIO2001 Datasheet HTML 116Page - Texas Instruments XIO2001 Datasheet HTML 117Page - Texas Instruments XIO2001 Datasheet HTML 118Page - Texas Instruments XIO2001 Datasheet HTML 119Page - Texas Instruments XIO2001 Datasheet HTML 120Page - Texas Instruments XIO2001 Datasheet HTML 121Page - Texas Instruments XIO2001 Datasheet HTML 122Page - Texas Instruments XIO2001 Datasheet HTML 123Page - Texas Instruments XIO2001 Datasheet HTML 124Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 120 / 131 page
background image
XIO2001
SCPS212D – MAY 2009 – REVISED JANUARY 2010
www.ti.com
7.9
PCI Bus Timing Requirements
(1)
over recommended operating conditions
33 MHz
66 MHz
PARAMETER
TEST CONDITION
UNIT
MIN
MAX
MIN
MAX
CL = 50 pF
11
CLK to shared signal valid propagation delay time
CL = 30 pF
6
tpd
ns
CL = 50 pF
2
CLK to shared signal invalid propagation delay time
CL = 30 pF
1
CL = 50 pF
2
tEnable time, high-impedance-to-active delay time
tON
ns
from CLK
CL = 30 pF
1
CL = 50 pF
28
Disable time, active-to-high-impedance delay time
tOFF
ns
from CLK
CL = 30 pF
14
Setup time on shared signals before CLK valid
tsu
7
3
ns
(rising edge)
Hold time on shared signals after CLK valid (rising
th
0
0
ns
edge)
(1)
The PCI shared signals are AD31:0, C/BE[3:0], FRAME, TRDY, IRDY, STOP, IDSEL, DEVSEL, LOCK, SERIRQ, PAR, PERR, SERR,
and CLKRUN.
7.10
PNP Thermal Characteristics
(1)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
qJA
Low-K JEDEC test board, 1s (single signal layer), no air
50.8
flow
Junction-to-free-air thermal
°C/W
resistance
High-K JEDEC test board, 2s2p (double signal layer,
24.9
double buried power plane), no air flow
qJC
Junction-to-case thermal resistance
Cu cold plate measurement process
18.9
°C/W
qJB
Junction-to-board thermal
EIA/JESD 51-8
14.6
°C/W
resistance
yJT
Junction-to-top of package
EIA/JESD 51-2
0.26
°C/W
yJB
Junction-to-board
EIA/JESD 51-6
7.93
°C/W
TA
XIO2001PNP
0
70
Operating ambient temperature
°C
range
XIO2001IPNP
–40
85
TJ
XIO2001PNP
0
105
Virtual junction temperature
°C
XIO2001IPNP
–40
105
(1)
For more details, refer to TI application note IC Package Thermal Metrics (SPRA953).
7.11
ZAJ Thermal Characteristics
(1)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
qJA
Low-K JEDEC test board, 1s (single signal layer), no air
82
flow
Junction-to-free-air thermal
°C/W
resistance
High-K JEDEC test board, 2s2p (double signal layer,
58.8
double buried power plane), no air flow
qJC
Junction-to-case thermal resistance
Cu cold plate measurement process
19
°C/W
qJB
Junction-to-board thermal
EIA/JESD 51-8
32
°C/W
resistance
yJT
Junction-to-top of package
EIA/JESD 51-2
0.5
°C/W
yJB
Junction-to-board
EIA/JESD 51-6
30
°C/W
TA
XIO2001ZGU
0
70
Operating ambient temperature
°C
range
XIO2001IZGU
–40
85
(1)
For more details, refer to TI application note IC Package Thermal Metrics (SPRA953).
120
Electrical Characteristics
Copyright © 2009–2010, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): XIO2001



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com