Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT90PWM3 Datasheet(PDF) 248 Page - ATMEL Corporation

Part # AT90PWM3
Description  8-bit Microcontroller with 8K Bytes In-System Programmable Flash
PDF  361 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90PWM3 Datasheet(HTML) 248 Page - ATMEL Corporation

Back Button AT90PWM3 Datasheet HTML 244Page - ATMEL Corporation AT90PWM3 Datasheet HTML 245Page - ATMEL Corporation AT90PWM3 Datasheet HTML 246Page - ATMEL Corporation AT90PWM3 Datasheet HTML 247Page - ATMEL Corporation AT90PWM3 Datasheet HTML 248Page - ATMEL Corporation AT90PWM3 Datasheet HTML 249Page - ATMEL Corporation AT90PWM3 Datasheet HTML 250Page - ATMEL Corporation AT90PWM3 Datasheet HTML 251Page - ATMEL Corporation AT90PWM3 Datasheet HTML 252Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 248 / 361 page
background image
248
4317J–AVR–08/10
AT90PWM2/3/2B/3B
In auto trigger mode the trigger source is selected by the ADTS bits in the ADCSRB register.
See Table 21-6 on page 249.
• Bit 4– ADIF: ADC Interrupt Flag
Set by hardware as soon as a conversion is complete and the Data register are updated with the
conversion result.
Cleared by hardware when executing the corresponding interrupt handling vector.
Alternatively, ADIF can be cleared by writing it to logical one.
• Bit 3– ADIE: ADC Interrupt Enable Bit
Set this bit to activate the ADC end of conversion interrupt.
Clear it to disable the ADC end of conversion interrupt.
• Bit 2, 1, 0– ADPS2, ADPS1, ADPS0: ADC Prescaler Selection Bits
These 3 bits determine the division factor between the system clock frequency and input clock of
the ADC.
The different setting are shown in Table 21-5.
21.8.3
ADC Control and Status Register B– ADCSRB
• Bit 7 – ADHSM: ADC High Speed Mode
Writing this bit to one enables the ADC High Speed mode. Set this bit if you wish to convert with
an ADC clock frequency higher than 200KHz.
• Bit 4– ADASCR: Analog to Digital Conversion on Amplified Channel Start Conversion
Request Bit (AT90PWM2/3 only - NA on AT90PWM2B/3B)
Set this to request a conversion on an amplified channel.
Cleared by hardware as soon as the Analog to Digital Conversion is started.
Alternatively, this bit can be cleared by writing it to logical zero.
In order to start a conversion on an amplified channel with the AT90PWM2B/3B, use the ADCS
bit in ADCSRA register.
• Bit 3, 2, 1, 0– ADTS3:ADTS0: ADC Auto Trigger Source Selection Bits
These bits are only necessary in case the ADC works in auto trigger mode. It means if ADATE
bit in ADCSRA register is set.
Table 21-5.
ADC Prescaler Selection
ADPS2
ADPS1
ADPS0
Division Factor
0002
0012
0104
0118
10016
10132
11064
111128
Bit
7
654
3
2
1
0
ADHSM
-
-
ADASCR
ADTS3
ADTS2
ADTS1
ADTS0
ADCSRB
Read/Write
-
-
-
R/W
R/W
R/W
R/W
R/W
Initial Value
0
0
0
0
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com