Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT90PWM3 Datasheet(PDF) 262 Page - ATMEL Corporation

Part # AT90PWM3
Description  8-bit Microcontroller with 8K Bytes In-System Programmable Flash
PDF  361 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90PWM3 Datasheet(HTML) 262 Page - ATMEL Corporation

Back Button AT90PWM3 Datasheet HTML 258Page - ATMEL Corporation AT90PWM3 Datasheet HTML 259Page - ATMEL Corporation AT90PWM3 Datasheet HTML 260Page - ATMEL Corporation AT90PWM3 Datasheet HTML 261Page - ATMEL Corporation AT90PWM3 Datasheet HTML 262Page - ATMEL Corporation AT90PWM3 Datasheet HTML 263Page - ATMEL Corporation AT90PWM3 Datasheet HTML 264Page - ATMEL Corporation AT90PWM3 Datasheet HTML 265Page - ATMEL Corporation AT90PWM3 Datasheet HTML 266Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 262 / 361 page
background image
262
4317J–AVR–08/10
AT90PWM2/3/2B/3B
To work with the 10-bit DAC, two registers have to be updated. In order to avoid intermediate
value, the DAC input values which are really converted into analog signal are buffering into
unreachable registers. In normal mode, the update of the shadow register is done when the reg-
ister DACH is written.
In case DAATE bit is set, the DAC input values will be updated on the trigger event selected
through DATS bits.
In order to avoid wrong DAC input values, the update can only be done after having written
respectively DACL and DACH registers. It is possible to work on 8-bit configuration by only writ-
ing the DACH value. In this case, update is done each trigger event.
In case DAATE bit is cleared, the DAC is in an automatic update mode. Writing the DACH regis-
ter automatically update the DAC input values with the DACH and DACL register values.
It means that whatever is the configuration of the DAATE bit, changing the DACL register has no
effect on the DAC output until the DACH register has also been updated. So, to work with 10
bits, DACL must be written first before DACH. To work with 8-bit configuration, writing DACH
allows the update of the DAC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com