Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT90PWM3 Datasheet(PDF) 359 Page - ATMEL Corporation

Part # AT90PWM3
Description  8-bit Microcontroller with 8K Bytes In-System Programmable Flash
PDF  361 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90PWM3 Datasheet(HTML) 359 Page - ATMEL Corporation

Back Button AT90PWM3 Datasheet HTML 353Page - ATMEL Corporation AT90PWM3 Datasheet HTML 354Page - ATMEL Corporation AT90PWM3 Datasheet HTML 355Page - ATMEL Corporation AT90PWM3 Datasheet HTML 356Page - ATMEL Corporation AT90PWM3 Datasheet HTML 357Page - ATMEL Corporation AT90PWM3 Datasheet HTML 358Page - ATMEL Corporation AT90PWM3 Datasheet HTML 359Page - ATMEL Corporation AT90PWM3 Datasheet HTML 360Page - ATMEL Corporation AT90PWM3 Datasheet HTML 361Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 359 / 361 page
background image
vi
4317J–AVR–08/10
AT90PWM2/3/2B/3B
26
Electrical Characteristics(1) 298
26.1
Absolute Maximum Ratings* 298
26.2
DC Characteristics 299
26.3
External Clock Drive Characteristics 301
26.4
Maximum Speed vs. V
CC 302
26.5
PLL Characteristics 302
26.6
SPI Timing Characteristics 303
26.7
ADC Characteristics 305
26.8
Parallel Programming Characteristics 307
27
AT90PWM2/2B/3/3B Typical Characteristics 309
27.1
Active Supply Current 310
27.2
Idle Supply Current 312
27.3
Power-Down Supply Current 315
27.4
Pin Pull-up 316
27.5
Pin Driver Strength 318
27.6
Pin Thresholds and Hysteresis 320
27.7
BOD Thresholds and Analog Comparator Offset 325
27.8
Analog Reference 327
27.9
Internal Oscillator Speed 328
27.10
Current Consumption of Peripheral Units 330
27.11
Current Consumption in Reset and Reset Pulse width 333
28
Register Summary 335
29
Instruction Set Summary 339
30
Ordering Information 342
31
Package Information 343
31.1
SO24 344
31.2
SO32 345
31.3
QFN32 346
32
Errata 348
32.1
AT90PWM2&3 Rev. A (Mask Revision) 348
32.2
AT90PWM2B/3B 350
33
Datasheet Revision History for AT90PWM2/2B/3/3B 352
33.1
Changes from 4317A- to 4317B 352
33.2
Changes from 4317B- to 4317C 352



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com