Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PB-230 Datasheet(PDF) 2 Page - Mean Well Enterprises Co., Ltd.

Part # PB-230
Description  230W Single Output Battery Charger
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

PB-230 Datasheet(HTML) 2 Page - Mean Well Enterprises Co., Ltd.

  PB-230 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. PB-230 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MechanicalSpecification
FileName:PB-230-SPEC2010-09-01
CaseNo.PB-230A
Unit:mm
CN105
12
190
115cm 5cm
Airflow
direction
35 2mm
RemoteControl(CN105):JST B2B-XHorequivalent
PinNo.
1
2
Assignment
RC-
RC+
MatingHousing
JST XHP
JST SXH-001T-P0.6
orequivalent
orequivalent
Terminal
1
1
4
4
2
2
3
3
Plug Assignment
PINNO.
1,2
3,4
DCoutputconnector(standard)
DCoutputconnector(optional)
89M103-4P orequivalent
UNICABLE
[housing: Anderson1327FP(red),1327G6FP(black)
contacts: Anderson261G2(45A)orequivalent]
AD1
Red(+V)
Black(-V)
OUTPUT
+V
-V
AD1(optional)
BlockDiagram
fosc:90KHz
PWM&PFC
CIRCUIT
DETECTION
O.L.P.
O.T.P.
EMI FILTER
&
RECTIFIERS
PFC
CIRCUIT
POWER
SWITCHING
FILTER
&
RECTIFIERS
+V
-V
I/P
FG
CONTROL
O.V.P.
FAN
FAN
CONTROL
ON/OFF
REMOTE
ChargingCurve
ChargeCurrent
ConstantCurrent
stage1
stage2
stage3
ConstantVoltage
Start
ChargeVoltage
VFLT
100%
10%
boost
V
DeratingCurve
90
100
80
70
60
40
30
CONTROL
57.6V
PB-230-48
54.4V
State
Vboost
14.4V
PB-230-12
28.8V
PB-230-24
VFLT
13.6V
27.2V
Red
Green
ColorofLED
40
45
50
60
70
30
20
10
-20
(HORIZONTAL)
AMBIENTTEMPERATURE(
)
230WSingleOutputBatteryCharger
PB-230 series


Similar Part No. - PB-230

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
PB-230 MEANWELL-PB-230 Datasheet
166Kb / 2P
   230W Single Output Battery Charger
logo
Total Power Internation...
PB-230 TOTAL-POWER-PB-230 Datasheet
173Kb / 2P
   3 0W Singl e Output Ba ttery Cha rger
logo
Mean Well Enterprises C...
PB-230-12 MEANWELL-PB-230-12 Datasheet
166Kb / 2P
   230W Single Output Battery Charger
PB-230-24 MEANWELL-PB-230-24 Datasheet
166Kb / 2P
   230W Single Output Battery Charger
PB-230-48 MEANWELL-PB-230-48 Datasheet
166Kb / 2P
   230W Single Output Battery Charger
More results

Similar Description - PB-230

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
PB-230 MEANWELL-PB-230_11 Datasheet
166Kb / 2P
   230W Single Output Battery Charger
logo
Total Power Internation...
GC-120 TOTAL-POWER-GC-120 Datasheet
140Kb / 2P
   120W Single Output Battery Charger
GC-220 TOTAL-POWER-GC-220 Datasheet
179Kb / 2P
   220W Single Output Battery Charger
GC-160 TOTAL-POWER-GC-160 Datasheet
139Kb / 2P
   160W Single Output Battery Charger
logo
Mean Well Enterprises C...
PB-600 MEANWELL-PB-600 Datasheet
442Kb / 5P
   600W Single Output Battery Charger
PB-360 MEANWELL-PB-360 Datasheet
292Kb / 2P
   360W Single Output Battery Charger
GC220 MEANWELL-GC220_11 Datasheet
179Kb / 2P
   220W Single Output Battery Charger
GC120 MEANWELL-GC120_11 Datasheet
142Kb / 2P
   120W Single Output Battery Charger
logo
List of Unclassifed Man...
PB-360P-24 ETC2-PB-360P-24 Datasheet
295Kb / 3P
   360W Single Output Battery Charger
logo
Mean Well Enterprises C...
GC330 MEANWELL-GC330 Datasheet
186Kb / 2P
   330W Single Output Battery Charger
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com