| Electronic Components Datasheet Search |
|
PIC16F720-I/SS Datasheet(PDF) 149 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F720-I/SS Datasheet(HTML) 149 Page - Microchip Technology |
|
149 / 244 page ![]() 2010 Microchip Technology Inc. DS41430A-page 149 PIC16F/LF720/721 17.2 I2C Mode The SSP module, in I2C mode, implements all slave functions except general call support. It provides interrupts on Start and Stop bits in hardware to facilitate firmware implementations of the master functions. The SSP module implements the I2C Standard mode specifications: •I2C Slave mode (7-bit address) •I2C Slave mode (10-bit address) • Start and Stop bit interrupts enabled to support firmware Master mode •Address masking Two pins are used for data transfer; the SCL pin (clock line) and the SDA pin (data line). The user must configure the two pin’s data direction bits as inputs in the appropriate TRIS register. Upon enabling I2C mode, the I2C slew rate limiters in the I/O pads are controlled by the SMP bit of SSPSTAT register. The SSP module functions are enabled by setting the SSPEN bit of SSPCON register. Data is sampled on the rising edge and shifted out on the falling edge of the clock. This ensures that the SDA signal is valid during the SCL high time. The SCL clock input must have minimum high and low times for proper operation. Refer to Section 23.0 “Electrical Specifications”. FIGURE 17-7: I2C™ MODE BLOCK DIAGRAM FIGURE 17-8: TYPICAL I2C™ CONNECTIONS The SSP module has six registers for I2C operation. They are: • SSP Control (SSPCON) register • SSP Status (SSPSTAT) register • Serial Receive/Transmit Buffer (SSPBUF) register • SSP Shift Register (SSPSR), not directly accessible • SSP Address (SSPADD) register • SSP Address Mask (SSPMSK) register 17.2.1 HARDWARE SETUP Selection of I2C mode, with the SSPEN bit of the SSPCON register set, forces the SCL and SDA pins to be open drain, provided these pins are programmed as inputs by setting the appropriate TRISC bits. The SSP module will override the input state with the output data, when required, such as for Acknowledge and slave- transmitter sequences. Read Write SSPSR Reg Match Detect SSPADD Reg Start and Stop bit Detect SSPBUF Reg Internal Data Bus Addr Match SCL SDA Shift Clock MSb LSb SSPMSK Reg Note: Pull-up resistors must be provided externally to the SCL and SDA pins for proper operation of the I2C module. Slave 1 Master SDA SCL VDD VDD SDA SCL Slave 2 SDA SCL (optional) |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |