Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16LF720-I/ML Datasheet(PDF) 123 Page - Microchip Technology

Part # PIC16LF720-I/ML
Description  20-Pin Flash Microcontrollers with nanoWatt XLP Technology
PDF  244 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16LF720-I/ML Datasheet(HTML) 123 Page - Microchip Technology

Back Button PIC16LF720-I/ML Datasheet HTML 119Page - Microchip Technology PIC16LF720-I/ML Datasheet HTML 120Page - Microchip Technology PIC16LF720-I/ML Datasheet HTML 121Page - Microchip Technology PIC16LF720-I/ML Datasheet HTML 122Page - Microchip Technology PIC16LF720-I/ML Datasheet HTML 123Page - Microchip Technology PIC16LF720-I/ML Datasheet HTML 124Page - Microchip Technology PIC16LF720-I/ML Datasheet HTML 125Page - Microchip Technology PIC16LF720-I/ML Datasheet HTML 126Page - Microchip Technology PIC16LF720-I/ML Datasheet HTML 127Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 123 / 244 page
background image
 2010 Microchip Technology Inc.
DS41430A-page 123
PIC16F/LF720/721
16.1.2
AUSART ASYNCHRONOUS
RECEIVER
The Asynchronous mode is typically used in RS-232
systems. The receiver block diagram is shown in
Figure 16-2. The data is received on the RX/DT pin and
drives the data recovery block. The data recovery block
is actually a high-speed shifter operating at 16 times
the baud rate, whereas the serial Receive Shift
Register (RSR) operates at the bit rate. When all 8 or 9
bits of the character have been shifted in, they are
immediately transferred to a two character First-In
First-Out (FIFO) memory. The FIFO buffering allows
reception of two complete characters and the start of a
third character before software must start servicing the
AUSART receiver. The FIFO and RSR registers are not
directly accessible by software. Access to the received
data is via the RCREG register.
16.1.2.1
Enabling the Receiver
The AUSART receiver is enabled for asynchronous
operation by configuring the following three control bits:
• CREN = 1
• SYNC = 0
• SPEN = 1
All other AUSART control bits are assumed to be in
their default state.
Setting the CREN bit of the RCSTA register enables the
receiver circuitry of the AUSART. Clearing the SYNC bit
of the TXSTA register configures the AUSART for
asynchronous operation. Setting the SPEN bit of the
RCSTA register enables the AUSART and automatically
configures the RX/DT I/O pin as an input.
TABLE 16-1:
REGISTERS ASSOCIATED WITH ASYNCHRONOUS TRANSMISSION
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on
POR, BOR
Value on
all other
Resets
INTCON
GIE
PEIE
TMR0IE
INTE
RABIE
TMR0IF
INTF
RABIF
0000 000x
0000 000x
PIE1
TMR1GIE
ADIE
RCIE
TXIE
SSPIE
CCP1IE
TMR2IE
TMR1IE
0000 0000
0000 0000
PIR1
TMR1GIF
ADIF
RCIF
TXIF
SSPIF
CCP1IF
TMR2IF
TMR1IF
0000 0000
0000 0000
RCSTA
SPEN
RX9
SREN
CREN
ADDEN
FERR
OERR
RX9D
0000 000x
0000 000x
SPBRG
BRG7
BRG6
BRG5
BRG4
BRG3
BRG2
BRG1
BRG0
0000 0000
0000 0000
TRISC
TRISC7
TRISC6
TRISC5
TRISC4
TRISC3
TRISC2
TRISC1
TRISC0
1111 1111
1111 1111
TXREG
AUSART Transmit Data Register
0000 0000
0000 0000
TXSTA
CSRC
TX9
TXEN
SYNC
—
BRGH
TRMT
TX9D
0000 -010
0000 -010
Legend:
x
= unknown, - = unimplemented read as ‘0’. Shaded cells are not used for asynchronous transmission.
Note:
When the SPEN bit is set, the TX/CK I/O
pin is automatically configured as an
output, regardless of the state of the
corresponding TRIS bit and whether or
not the AUSART transmitter is enabled.
The PORT latch is disconnected from the
output driver so it is not possible to use the
TX/CK pin as a general purpose output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com