Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16LF720-I/ML Datasheet(PDF) 187 Page - Microchip Technology

Part # PIC16LF720-I/ML
Description  20-Pin Flash Microcontrollers with nanoWatt XLP Technology
PDF  244 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16LF720-I/ML Datasheet(HTML) 187 Page - Microchip Technology

Back Button PIC16LF720-I/ML Datasheet HTML 183Page - Microchip Technology PIC16LF720-I/ML Datasheet HTML 184Page - Microchip Technology PIC16LF720-I/ML Datasheet HTML 185Page - Microchip Technology PIC16LF720-I/ML Datasheet HTML 186Page - Microchip Technology PIC16LF720-I/ML Datasheet HTML 187Page - Microchip Technology PIC16LF720-I/ML Datasheet HTML 188Page - Microchip Technology PIC16LF720-I/ML Datasheet HTML 189Page - Microchip Technology PIC16LF720-I/ML Datasheet HTML 190Page - Microchip Technology PIC16LF720-I/ML Datasheet HTML 191Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 187 / 244 page
background image
 2010 Microchip Technology Inc.
DS41430A-page 187
PIC16F/LF720/721
23.0
ELECTRICAL SPECIFICATIONS
Absolute Maximum Ratings(†)
Ambient temperature under bias....................................................................................................... -40°C to +125°C
Storage temperature ........................................................................................................................ -65°C to +150°C
Voltage on VDD with respect to VSS, PIC16F720/721 ........................................................................ -0.3V to +6.5V
Voltage on VDD with respect to VSS, PIC16LF720/721 ...................................................................... -0.3V to +4.0V
Voltage on MCLR with respect to Vss ................................................................................................. -0.3V to +9.0V
Voltage on all other pins with respect to VSS ........................................................................... -0.3V to (VDD + 0.3V)
Total power dissipation(1) ............................................................................................................................... 800 mW
Maximum current out of VSS pin ...................................................................................................................... 95 mA
Maximum current into VDD pin ......................................................................................................................... 70 mA
Clamp current, IK (VPIN < 0 or VPIN > VDD)
20 mA
Maximum output current sunk by any I/O pin.................................................................................................... 25 mA
Maximum output current sourced by any I/O pin .............................................................................................. 25 mA
Maximum current sunk by all ports, -40°C
 TA  +85°C for industrial............................................................ 200 mA
Maximum current sunk by all ports, -40°C
 TA  +125°C for extended ........................................................... 90 mA
Maximum current sourced by all ports, 40°C
 TA  +85°C for industrial....................................................... 140 mA
Maximum current sourced by all ports, -40°C
 TA  +125°C for extended ...................................................... 65 mA
Note 1:
Power dissipation is calculated as follows: PDIS = VDD x {IDD –
 IOH} +  {(VDD – VOH) x IOH} + (VOl x IOL).
† NOTICE: Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the
device. This is a stress rating only and functional operation of the device at those or any other conditions above those
indicated in the operation listings of this specification is not implied. Exposure above maximum rating conditions for
extended periods may affect device reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com