Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC18LF4331T-E/SP Datasheet(PDF) 211 Page - Microchip Technology

Part # PIC18LF4331T-E/SP
Description  28/40/44-Pin Enhanced Flash Microcontrollers with nanoWatt Technology, High-Performance PWM and A/D
PDF  392 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18LF4331T-E/SP Datasheet(HTML) 211 Page - Microchip Technology

Back Button PIC18LF4331T-E/SP Datasheet HTML 207Page - Microchip Technology PIC18LF4331T-E/SP Datasheet HTML 208Page - Microchip Technology PIC18LF4331T-E/SP Datasheet HTML 209Page - Microchip Technology PIC18LF4331T-E/SP Datasheet HTML 210Page - Microchip Technology PIC18LF4331T-E/SP Datasheet HTML 211Page - Microchip Technology PIC18LF4331T-E/SP Datasheet HTML 212Page - Microchip Technology PIC18LF4331T-E/SP Datasheet HTML 213Page - Microchip Technology PIC18LF4331T-E/SP Datasheet HTML 214Page - Microchip Technology PIC18LF4331T-E/SP Datasheet HTML 215Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 211 / 392 page
background image
 2010 Microchip Technology Inc.
DS39616D-page 211
PIC18F2331/2431/4331/4431
FIGURE 19-4:
SPI MODE TIMING (SLAVE MODE WITH CKE = 1)
TABLE 19-1:
REGISTERS ASSOCIATED WITH SPI OPERATION
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reset Values
on Page:
INTCON
GIE/GIEH
PEIE/GIEL
TMR0IE
INT0IE
RBIE
TMR0IF
INT0IF
RBIF
54
PIR1
—
ADIF
RCIF
TXIF
SSPIF
CCP1IF
TMR2IF
TMR1IF
57
PIE1
—
ADIE
RCIE
TXIE
SSPIE
CCP1IE
TMR2IE
TMR1IE
57
TRISC
PORTC Data Direction Register
57
SSPBUF
SSP Receive Buffer/Transmit Register
55
SSPCON
WCOL
SSPOV
SSPEN
CKP
SSPM3
SSPM2
SSPM1
SSPM0
55
TRISA
TRISA7(1)
TRISA6(2) PORTA Data Direction Register
57
SSPSTAT
SMP
CKE
D/A
P
S
R/W
UA
BF
55
Legend:
— = unimplemented, read as ‘0’. Shaded cells are not used by the SSP in SPI mode.
Note 1:
RA7 and associated bits are configured as port pins in INTIO2 Oscillator mode only and read ‘0’ in all other
oscillator modes.
2:
RA6 and associated bits are configured as port pins in RCIO, ECIO and INTIO2 (with port function on RA6)
Oscillator modes only and read ‘0’ in all other oscillator modes.
SCK (CKP = 0)
SDI (SMP = 0)
SSPIF
bit 7
bit 6
bit 5
bit 4
bit 3
bit 2
bit 1
bit 0
SCK (CKP = 1)
SDO
bit 7
bit 0
SS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com