Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC18LF4331T-E/SP Datasheet(PDF) 123 Page - Microchip Technology

Part # PIC18LF4331T-E/SP
Description  28/40/44-Pin Enhanced Flash Microcontrollers with nanoWatt Technology, High-Performance PWM and A/D
PDF  392 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18LF4331T-E/SP Datasheet(HTML) 123 Page - Microchip Technology

Back Button PIC18LF4331T-E/SP Datasheet HTML 119Page - Microchip Technology PIC18LF4331T-E/SP Datasheet HTML 120Page - Microchip Technology PIC18LF4331T-E/SP Datasheet HTML 121Page - Microchip Technology PIC18LF4331T-E/SP Datasheet HTML 122Page - Microchip Technology PIC18LF4331T-E/SP Datasheet HTML 123Page - Microchip Technology PIC18LF4331T-E/SP Datasheet HTML 124Page - Microchip Technology PIC18LF4331T-E/SP Datasheet HTML 125Page - Microchip Technology PIC18LF4331T-E/SP Datasheet HTML 126Page - Microchip Technology PIC18LF4331T-E/SP Datasheet HTML 127Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 123 / 392 page
background image
 2010 Microchip Technology Inc.
DS39616D-page 123
PIC18F2331/2431/4331/4431
TABLE 11-7:
PORTD I/O SUMMARY
TABLE 11-8:
SUMMARY OF REGISTERS ASSOCIATED WITH PORTD
Pin
Function
TRIS
Setting
I/O
I/O
Type
Description
RD0/T0CKI/
T5CKI
RD0
0
O
DIG
LATD<0> data output.
1
I
ST
PORTD<0> data input.
T0CKI(1)
1
I
ST
Timer0 alternate clock input.
T5CKI(1)
1
I
ST
Timer5 alternate clock input.
RD1/SDO
RD1
0
O
DIG
LATD<1> data output.
1
I
ST
PORTD<1> data input.
SDO(1)
0
O
DIG
SPI data out; takes priority over port data.
RD2/SDI/SDA
RD2
0
O
DIG
LATD<2> data output.
1
I
ST
PORTD<2> data input.
SDI(1)
1
I
ST
SPI data input (SSP module).
SDA(1)
0
ODIG
I2C™ data output (SSP module); takes priority over port data.
1
II2CI2C data input (SSP module).
RD3/SCK/SCL
RD3
0
O
DIG
LATD<3> data output.
1
I
ST
PORTD<3> data input.
SCK(1)
0
O
DIG
SPI clock output (SSP module); takes priority over port data.
1
I
ST
SPI clock input (SSP module).
SCL(1)
0
ODIG
I2C clock output (SSP module); takes priority over port data.
1
II2CI2C clock input (SSP module); input type depends on module setting.
RD4/FLTA
RD4
0
O
DIG
LATD<4> data output.
1
I
ST
PORTD<4> data input.
FLTA(2)
1
I
ST
Fault Interrupt Input Pin A.
RD5/PWM4
RD5
0
O
DIG
LATD<5> data output.
1
I
ST
PORTD<5> data input.
PWM4(3)
0
O
DIG
PWM Output 4; takes priority over port data.
RD6/PWM6
RD6
0
O
DIG
LATD<6> data output.
1
I
ST
PORTD<6> data input.
PWM6
0
O
DIG
PWM Output 6; takes priority over port data.
RD7/PWM7
RD7
0
O
DIG
LATD<7> data output.
1
I
ST
PORTD<7> data input.
PWM7
0
O
DIG
PWM Output 7; takes priority over port data.
Legend:
DIG = Digital level output; TTL = TTL input buffer; ST = Schmitt Trigger input buffer;
x = Don’t care (TRIS bit does not affect port direction or is overridden for this option).
Note
1:
RC3 is the alternate pin for T0CKI/T5CKI; RC4 is the alternate pin for SDI/SDA; RC5 is the alternate pin for SCK/SCL;
RC7 is the alternate pin for SDO.
2:
RC1 is the alternate pin for FLTA.
3:
RB5 is the alternate pin for PWM4.
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reset Values
on Page:
PORTD
RD7
RD6
RD5
RD4
RD3
RD2
RD1
RD0
57
LATD
LATD Data Output Register
57
TRISD
PORTD Data Direction Register
57



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com